Electronic Components Datasheet Search
  English  ▼

X  

ICS8545BGILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS8545BGILF
Description  Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8545BGILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS8545BGILF Datasheet HTML 1Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 2Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 3Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 4Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 5Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 6Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 7Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 8Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
©2015 Integrated Device Technology, Inc.
Revision C, December 8, 2015
8545 Datasheet
Function Tables
Table 3A. Control Input Function Table
After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as shown in Figure 1.
In the active mode, the state of the outputs are a function of the CLK1 and CLK2 inputs as described in Table 3B.
Figure 1. CLK_EN Timing Diagram
Table 3B. Clock Input Function Table
Inputs
Outputs
OE
CLK_EN
CLK_SEL
Selected Source
Q0:Q3
Q0:Q3
0
X
X
Hi-Z
Hi-Z
1
0
0
CLK1
Low
High
1
0
1
CLK2
Low
High
1
1
0
CLK1
Active
Active
1
1
1
CLK2
Active
Active
Inputs
Outputs
CLK1 or CLK2
Q0:Q3
Q0:Q3
0LOW
HIGH
1HIGH
LOW
Enabled
Disabled
CLK1, CLK2
CLK_EN
Q0:Q3
Q0:Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com