Electronic Components Datasheet Search
  English  ▼

X  

797581007 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 797581007
Description  2.0 WtB Crimp Rec Chain 561349000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

797581007 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  797581007 Datasheet HTML 1Page - Molex Electronics Ltd. 797581007 Datasheet HTML 2Page - Molex Electronics Ltd. 797581007 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TABLE
PART NUMBER
L(MM)
TITLE
ITEM
DESCRIPTION
Q`TY
PPQ
DU
797581001
150±5
Micro-Clasp 150mm
A
2.0 WtB Crimp Rec Chain 561349000
2
50
3000
B
24AWG:PLATED:PVC:BK:OD=1.43MM:UL1007
A/R
797581002
300±5
Micro-Clasp 300mm
A
2.0 WtB Crimp Rec Chain 561349000
2
50
3000
B
24AWG:PLATED:PVC:BK:OD=1.43MM:UL1007
A/R
797581003
150±5
Pico-Lock 150mm
A
1.5 W/B REC TERMINAL AWG#24-28AWG 5040520098
2
50
3000
B
24AWG;PLATED;PVC;BK;OD=1.10MM;UL1061
A/R
797581004
300±5
Pico-Lock 300mm
A
1.5 W/B REC TERMINAL AWG#24-28AWG 5040520098
2
50
3000
B
24AWG;PLATED;PVC;BK;OD=1.10MM;UL1061
A/R
797581005
150±5
Pico-Lock 150mm
A
1.5 W/B REC TERMINAL AWG#30-32AWG 5040520298
2
50
3000
B
30AWG;PLTD;PVC;BK;OD=0.55MM;UL1571
A/R
797581006
300±5
Pico-Lock 300mm
A
1.5 W/B REC TERMINAL AWG#30-32AWG 5040520298
2
50
3000
B
30AWG;PLTD;PVC;BK;OD=0.55MM;UL1571
A/R
797581007
300±5
Pico-Spox 300mm
A
1.5mm Rcpt Term Crim 2.5Sn 874210000
2
50
3000
B
24AWG;PLATED;PVC;BK;OD=1.10MM;UL1061
A/R
797581008
150±5
Dura-Click 150mm
A
2.0 WtB Rec Term 502128000
2
50
3000
B
26AWG;PLATED;PVC;BK;OD=1.00MM;UL1061
A/R
797581009
300±5
Dura-Click 300mm
A
2.0 WtB Rec Term 502128000
2
50
3000
B
26AWG;PLATED;PVC;BK;OD=1.00MM;UL1061
A/R
797581010
300±5
Pico-Ezmate 300mm
A
1.2MM WTB RECEPT CRIMP TERM H>F 781720410
2
50
3000
B
28AWG;PLATED;ETFE;WHT;OD=0.57mm;UL1516
A/R
797581011
300±5
Click-Mate 300mm
A
1.5 W/B Single Plg Term Chain W/Plt 5025790000
2
50
3000
B
24AWG;PLATED;PVC;BK;OD=1.10MM;UL1061
A/R
797581012
150±5
Click-Mate 150mm
A
1.25 W/B Single Plg Term W/Plt 5023810000
2
50
3000
B
UL&CSA 1061/#28 STR BLK
A/R
797581013
300±5
Click-Mate 300mm
A
1.25 W/B Single Plg Term W/Plt 5023810000
2
50
3000
B
UL&CSA 1061/#28 STR BLK
A/R
797581014
150±5
Click-Mate 150mm
A
2.0 W/B Single Plug Term W/Plt Chain 5024380000
2
50
3000
B
24AWG;PLATED;PVC;BK;OD=1.10MM;UL1061
A/R
797581015
300±5
Click-Mate 300mm
A
2.0 W/B Single Plug Term W/Plt Chain 5024380000
2
50
3000
B
24AWG;PLATED;PVC;BK;OD=1.10MM;UL1061
A/R
797581018
150±5
Pico-Clasp 150mm
A
1.0 WtB Crimp Rec Term Chn 5013340000
2
50
3000
B
28AWG;PLTD;PVC;BLK;OD=0.6mm;UL1571
A/R
797581019
300±5
Pico-Clasp 300mm
A
1.0 WtB Crimp Rec Term Chn 5013340000
2
50
3000
B
28AWG;PLTD;PVC;BLK;OD=0.6mm;UL1571
A/R
797581020
150±5
Sherlock 150mm
A
2.0 WtB Rec Term 502128000
2
50
3000
B
26AWG;PLATED;PVC;BK;OD=1.00MM;UL1061
A/R
797581021
300±5
Sherlock 300mm
A
2.0 WtB Rec Term 502128000
2
50
3000
B
26AWG;PLATED;PVC;BK;OD=1.00MM;UL1061
A/R
NOTE:
1. THIS PRODUCT MUST MEET 2011/65/EU ROHS COMPLIANCE.
此产品需符合 2011/65/EU ROHS环保要求.
2. PPQ: THE AMOUNT OF CABLES PER BAG.
每袋产品数量.
3. DU:THE MINIMUM LINE QUANTITY TO BUY.
最小购买数量.
4. STICK UL LABEL ON THE OUTSIDE CARTON.
外箱上贴UL标签.
SEE NOTE 2,3
FORMAT: master-tb-prod-A3
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2022/02/28
11:53:34
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2012341212
PSD 000
A1
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
2 OF 3
CURRENT REV DESC: OBSOLETED PART NUMBER
AS PER PCN#509451
EC NO: 686785
DRWN: SUGEEB
2021/09/27
CHK'D:
GGA
2022/02/28
APPR: GGA
2022/02/28
INITIAL REVISION:
DRWN: WLXIE
2016/05/19
APPR: YXZOU
2016/06/29
THIRD ANGLE PROJECTION
DRAWING
SERIES
A3-SIZE 201234
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
7
8
8
9
9
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com