Electronic Components Datasheet Search
  English  ▼

X  

2082003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2082003
Description  TERMINAL MLX .84' 14-20AWG EST. FEM-B 2081001
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2082003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2082003 Datasheet HTML 1Page - Molex Electronics Ltd. 2082003 Datasheet HTML 2Page - Molex Electronics Ltd. 2082003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ±
°
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
2012341213
PSD
000
B
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
201234
SEE TABLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NUMBER
2 OF 3
DIMENSION UNITS
SCALE
MM
NTS
DRWN BY
DATE
WLXIE
2016/05/19
CHK'D BY
DATE
DHUANG16
2016/06/13
APPR BY
DATE
YXZOU
2016/06/30
DRAWING SIZE
THIRD ANGLE PROJECTION
A3
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
=
0
FORMAT: master-tb-prod-A3
REVISION: G
DATE: 2015/12/14
RELEASE STATUS
ER
RELEASE DATE
16.12.2016
02:46:09
C
TABLE
PART NUMBER
L(MM)
TITLE
ITEM
DESCRIPTION
Q`TY
PPQ
DU
797582022
150±5
C-Grid 150mm
A
C-Grid Term Fem Crp LFH Sn-A 22/24AWG 901190109
2
50
4000
B
UL&CSA 1061/#22 STR BLK
A/R
797582023
300±5
C-Grid 300mm
A
C-Grid Term Fem Crp LFH Sn-A 22/24AWG 901190109
2
50
4000
B
UL&CSA 1061/#22 STR BLK
A/R
797582024
300±5
KK 300mm
A
2.5mm KK Crp Term Chn il W/Cat Ear 8500031
2
50
4000
B
24AWG;PLATED;PVC;BLK;OD=1.40mm;UL1007
A/R
797582025
150±5
062' 150mm
A
062MaleTermChainBrsTin18-24 1560-(P901) 2062101
2
50
4000
B
22AWG;PLATED;PVC;BK;OD=2.35MM;UL1015
A/R
797582026
300±5
062' 300mm
A
062MaleTermChainBrsTin18-24 1560-(P901) 2062101
2
50
4000
B
22AWG;PLATED;PVC;BK;OD=2.35MM;UL1015
A/R
797582027
150±5
062' 150mm
A
062FemaleTermChainBrsTin18-241561-(P901) 2061101
2
50
4000
B
22AWG;PLATED;PVC;BK;OD=2.35MM;UL1015
A/R
797582028
300±5
062' 300mm
A
062FemaleTermChainBrsTin18-241561-(P901) 2061101
2
50
4000
B
22AWG;PLATED;PVC;BK;OD=2.35MM;UL1015
A/R
797582029
150±5
MLX 150mm
A
084 MLX Term M Pwr Chain Brs Tin 14-20AWG 2082003
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582030
300±5
MLX 300mm
A
084 MLX Term M Pwr Chain Brs Tin 14-20AWG 2082003
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582031
150±5
MLX 150mm
A
TERMINAL MLX .84'' 14-20AWG EST. FEM-B 2081001
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582032
300±5
MLX 300mm
A
TERMINAL MLX .84'' 14-20AWG EST. FEM-B 2081001
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582033
150±5
093' 150mm
A
093 Male Term Chain Brs Tin 14-20AWG 2092101
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582034
300
±5
093' 300mm
A
093 Male Term Chain Brs Tin 14-20AWG 2092101
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582035
150
±5
093' 150mm
A
093 Female Term Chain Tin 14-20AWG 2091102
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582036
300
±5
093' 300mm
A
093 Female Term Chain Tin 14-20AWG 2091102
2
50
4000
B
18AWG;PLATED;PVC;BK;OD=2.75MM;UL1015
A/R
797582037
150
±5
Mega-Fit 150mm
A
Mega-Fit Female Crimp 14-16AWG 15 Gold 1720630311
2
50
3000
B
16AWG;PLATED;PVC;BK;OD=3.10MM;UL1015
A/R
797582038
300
±5
Mega-Fit 300mm
A
Mega-Fit Female Crimp 14-16AWG 15 Gold 1720630311
2
50
3000
B
16AWG;PLATED;PVC;BK;OD=3.10MM;UL1015
A/R
797582039
150
±5
Mega-Fit 150mm
A
Mega-Fit Female Crimp 12 AWG 15 Gold 1720630312
2
50
3000
B
UL&CSA1015/#12 STR BLK
A/R
797582040
300
±5
Mega-Fit 300mm
A
Mega-Fit Female Crimp 12 AWG 15 Gold 1720630312
2
50
3000
B
UL&CSA1015/#12 STR BLK
A/R
797582041
150
±5
Sabre 150mm
A
Sabre Term WtW M Tin 14-18AWG 431782002
2
50
4000
B
16AWG;PLATED;PVC;BK;OD=3.10MM;UL1015
A/R
797582042
300
±5
Sabre 300mm
A
Sabre Term WtW M Tin 14-18AWG 431782002
2
50
4000
B
16AWG;PLATED;PVC;BK;OD=3.10MM;UL1015
A/R
797582043
150
±5
Sabre 150mm
A
Sabre TPA Term Fem Tin 14-18AWG 433751001
2
50
4000
B
16AWG;PLATED;PVC;BK;OD=3.10MM;UL1015
A/R
797582044
300
±5
Sabre 300mm
A
Sabre TPA Term Fem Tin 14-18AWG 433751001
2
50
4000
B
16AWG;PLATED;PVC;BK;OD=3.10MM;UL1015
A/R
SEE NOTE 2,3
NOTE:
1. THIS PRODUCT MUST MEET 2011/65/EU ROHS COMPLIANCE.
此产品需符合 2011/65/EU ROHS环保要求.
2. PPQ: THE AMOUNT OF CABLES PER BUNDLE.
每捆产品数量.
3. DU:THE MINIMUM LINE QUANTITY TO BUY.
最小购买数量.
4. STICK UL LABEL ON THE OUTSIDE CARTON.
外箱上贴UL标签.
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com