Electronic Components Datasheet Search
  English  ▼

X  

BAT46WH Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAT46WH
Description  Single Schottky barrier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT46WH Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAT46WH Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
BAT46WH
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 28 November 2011
6 of 12
Nexperia
BAT46WH
Single Schottky barrier diode
Tj = 125 C
(1)
 =1
(2)
 =0.9
(3)
 =0.8
(4)
 =0.5
FR4 PCB, standard footprint
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Fig 6.
Average reverse power dissipation as a
function of reverse voltage; typical values
Fig 7.
Average forward current as a function of
ambient temperature; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Fig 8.
Average forward current as a function of
ambient temperature; typical values
Fig 9.
Average forward current as a function of
solder point temperature; typical values
VR (V)
0
100
80
40
60
20
006aac399
0.10
0.15
0.05
0.20
0.25
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac400
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac401
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tsp (°C)
0
50
100
150
175
125
75
25
006aac402
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com