Electronic Components Datasheet Search
  English  ▼

X  

H7B3 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # H7B3
Description  500 mW Zener Diode 1.7 to 37.2 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

H7B3 Datasheet(HTML) 3 Page - Micro Commercial Components

  H7B3 Datasheet HTML 1Page - Micro Commercial Components H7B3 Datasheet HTML 2Page - Micro Commercial Components H7B3 Datasheet HTML 3Page - Micro Commercial Components H7B3 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
ZENER VOLTAGE
VZ @ IZT
VOLTS
TEST CURRENT
IZT
Dynamic Resistance
rd (Max)
IZ
REVERSE CURRENT
IR (Max)
@
VR
Type
Grade
Min
Max
mA
OHMS
mA
µA
VOLTS
A1
4.3
4.5
5.0
100
5.0
5.0
1.5
A2
4.4
4.6
5.0
100
5.0
5.0
1.5
A3
4.5
4.7
5.0
100
5.0
5.0
1.5
B1
4.6
4.8
5.0
100
5.0
5.0
1.5
B2
4.7
4.9
5.0
100
5.0
5.0
1.5
B3
4.8
5.0
5.0
100
5.0
5.0
1.5
C1
4.9
5.1
5.0
100
5.0
5.0
1.5
C2
5.0
5.2
5.0
100
5.0
5.0
1.5
H5
C3
5.1
5.3
5.0
100
5.0
5.0
1.5
A1
5.2
5.5
5.0
40
5.0
5.0
2.0
A2
5.3
5.6
5.0
40
5.0
5.0
2.0
A3
5.4
5.7
5.0
40
5.0
5.0
2.0
B1
5.5
5.8
5.0
40
5.0
5.0
2.0
B2
5.6
5.9
5.0
40
5.0
5.0
2.0
B3
5.7
6.0
5.0
40
5.0
5.0
2.0
C1
5.8
6.1
5.0
40
5.0
5.0
2.0
C2
6.0
6.3
5.0
40
5.0
5.0
2.0
H6
C3
6.1
6.4
5.0
40
5.0
5.0
2.0
A1
6.3
6.6
5.0
15
5.0
1.0
3.5
A2
6.4
6.7
5.0
15
5.0
1.0
3.5
A3
6.6
6.9
5.0
15
5.0
1.0
3.5
B1
6.7
7.0
5.0
15
5.0
1.0
3.5
B2
6.9
7.2
5.0
15
5.0
1.0
3.5
B3
7.0
7.3
5.0
15
5.0
1.0
3.5
C1
7.2
7.6
5.0
15
5.0
1.0
3.5
C2
7.3
7.7
5.0
15
5.0
1.0
3.5
H7
C3
7.5
7.9
5.0
15
5.0
1.0
3.5
A1
7.7
8.1
5.0
20
5.0
1.0
5.0
A2
7.9
8.3
5.0
20
5.0
1.0
5.0
A3
8.1
8.5
5.0
20
5.0
1.0
5.0
B1
8.3
8.7
5.0
20
5.0
1.0
5.0
B2
8.5
8.9
5.0
20
5.0
1.0
5.0
B3
8.7
9.1
5.0
20
5.0
1.0
5.0
C1
8.9
9.3
5.0
20
5.0
1.0
5.0
C2
9.1
9.5
5.0
20
5.0
1.0
5.0
H9
C3
9.3
9.7
5.0
20
5.0
1.0
5.0
A1
9.5
9.9
5.0
25
5.0
1.0
7.5
A2
9.7
10.1
5.0
25
5.0
1.0
7.5
A3
9.9
10.3
5.0
25
5.0
1.0
7.5
B1
10.2
10.6
5.0
25
5.0
1.0
7.5
B2
10.4
10.8
5.0
25
5.0
1.0
7.5
B3
10.7
11.1
5.0
25
5.0
1.0
7.5
C1
10.9
11.3
5.0
25
5.0
1.0
7.5
C2
11.1
11.6
5.0
25
5.0
1.0
7.5
H11
C3
11.4
11.9
5.0
25
5.0
1.0
7.5
A1
11.6
12.1
5.0
35
5.0
1.0
9.5
A2
11.9
12.4
5.0
35
5.0
1.0
9.5
A3
12.2
12.7
5.0
35
5.0
1.0
9.5
B1
12.4
12.9
5.0
35
5.0
1.0
9.5
B2
12.6
13.1
5.0
35
5.0
1.0
9.5
B3
12.9
13.4
5.0
35
5.0
1.0
9.5
C1
13.2
13.7
5.0
35
5.0
1.0
9.5
C2
13.5
14.0
5.0
35
5.0
1.0
9.5
H12
C3
13.8
14.3
5.0
35
5.0
1.0
9.5
1
14.1
14.7
5.0
40
5.0
1.0
11
2
14.5
15.1
5.0
40
5.0
1.0
11
H15
3
14.9
15.5
5.0
40
5.0
1.0
11
1
15.3
15.9
5.0
45
5.0
1.0
12
2
15.7
16.5
5.0
45
5.0
1.0
12
H16
3
16.3
17.1
5.0
45
5.0
1.0
12
1
16.9
17.7
5.0
55
5.0
1.0
13
2
17.5
18.3
5.0
55
5.0
1.0
13
H18
3
18.1
19.0
5.0
55
5.0
1.0
13
1
18.8
19.7
2.0
60
2.0
1.0
15
2
19.5
20.4
2.0
60
2.0
1.0
15
H20
3
20.2
21.1
2.0
60
2.0
1.0
15
www.mccsemi.com
MCC
H2 Series thru H36 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com