Electronic Components Datasheet Search
  English  ▼

X  

DMT3003LFGQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT3003LFGQ
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3003LFGQ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT3003LFGQ Datasheet HTML 1Page - Diodes Incorporated DMT3003LFGQ Datasheet HTML 2Page - Diodes Incorporated DMT3003LFGQ Datasheet HTML 3Page - Diodes Incorporated DMT3003LFGQ Datasheet HTML 4Page - Diodes Incorporated DMT3003LFGQ Datasheet HTML 5Page - Diodes Incorporated DMT3003LFGQ Datasheet HTML 6Page - Diodes Incorporated DMT3003LFGQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMT3003LFGQ
Document number: DS40819 Rev. 1 - 2
1 of 7
www.diodes.com
March 2018
© Diodes Incorporated
DMT3003LFGQ
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TC = +25°C
30V
3.2m
Ω @ VGS = 10V
100A
5.5m
Ω @ VGS = 4.5V
85A
Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low RDS(ON) – Ensures On-State Losses are Minimized
Excellent QGD × RDS(ON) Product (FOM)
Advanced Technology for DC-DC Converters
Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
Occupies Just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
100% Unclamped Inductive Switching, Test in Production
–
Ensures More Reliable And Robust End Application
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: PowerDI
®
3333-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminal Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMT3003LFGQ-7
PowerDI3333-8
2,000/Tape & Reel
DMT3003LFGQ-13
PowerDI3333-8
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to https://www.diodes.com/quality/.
5. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Top View
Internal Schematic
SG2 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 18 = 2018)
WW = Week Code (01 to 53)
Bottom View
S
S
S
G
D
D
D
D
Pin 1
Top View
PowerDI3333-8
SG2
D
S
G
1
2
3
4
8
7
6
5
Equivalent Circuit
Green
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - DMT3003LFGQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3003LFG DIODES-DMT3003LFG Datasheet
509Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT3003LFG-13 DIODES-DMT3003LFG-13 Datasheet
509Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT3003LFG-7 DIODES-DMT3003LFG-7 Datasheet
509Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMT3003LFGQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com