Electronic Components Datasheet Search
  English  ▼

X  

24-005992 Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 24-005992
Description  D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

24-005992 Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  24-005992 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 24-005992 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
scale
/Maßstab:
20.09.2022
20.09.2022
Henneboel
Name
Bub
R
dim. in mm
24K1A2353
dwg no /
Z.-nr.:
RoHS compliant/ konform
Date/Datum
appd./
gepr..
drawn/
gez.
DIN-
A3
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch
with metal bracket, threaded insert, fixing-plate
D-SUB C-Filter Stift 15pol. Lötstift abgewinkelt 7.19mm
mit Metallwinkel, Gewindeeinsatz, Zentrierplatte
2:1
Index:
a Original
2 / 2
PCB edge/Leiterplatten Kante
Part-no.
CONEC ABC
PCB hole drillings
(PCB top side)/
Leiterplattenbohrbild
(Leiterplatten Oberseite)
2,74 `0,1
1,37 `0,1
1
1 -0
0,1
+
15x
n
3,1 `0,1
2x
n
5,49 `0,1
33,3 - 0,12
0,13
+
4,11 `0,1
0,6
n
`0,05
15x
25,17 - 0,05
0,2
+
33,32 - 0,12
0,13
+
39,22 - 0,46
0,3
+
10°
4-40 UNC
3,3 -0,3
0,5
+
6,35 `0,3
8,26 - 0,03
0,22
+
8,23 `0,1
6,86 `0,1
9,6 `0,1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com