Electronic Components Datasheet Search
  English  ▼

X  

34401 Datasheet(PDF) 1 Page - Belden Inc.

Part # 34401
Description  Lead Wire, #1 Str TC, CSPE Ins, AWM 3193
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

34401 Datasheet(HTML) 1 Page - Belden Inc.

  34401 Datasheet HTML 1Page - Belden Inc. 34401 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 34401
Lead Wire, #1 Str TC, CSPE Ins, AWM 3193
Product Description
Low Temp Rubber Lead Wire, 1AWG (210x24) Tinned Copper, CSPE Insulation, AWM 3193 CSA TYPE CL1052 600V 105C
Technical Specifications
Product Overview
Suitable Applications:
Class 130(B) motor lead systems, internal wiring of appliances, oil resistance applications
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 1
1
210x24
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
CSPE - Chlorosulphonated Polyethylene 0.091 in (2.3 mm) 0.557 in (14.1 mm)
Overall Cable Diameter (Nominal):
0.557 in (14.1 mm)
Electrical Characteristics
Voltage
UL Voltage Rating
600 V RMS (UL AWM 3193), 300 V RMS (CSA CL1052)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C To +105°C
Bend Radius
Stationary Min.
Installation Min.
2.23 in (56.6 mm) 2.23 in (56.6 mm)
Max. Pull Tension:
1303 lbs (591.0 kg)
Recommended Max Baking Cycles: 24 Hours @ 300°F (149°C)
Bulk Cable Weight:
368 lbs/1000ft
Standards and Compliance
Sustainability:
CA Prop 65
AWM Compliance:
AWM 3193
CEC / C(UL) Compliance:
CL-1052
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)


Similar Part No. - 34401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34401 ETC2-34401 Datasheet
340Kb / 1P
Wiha Maxiflex Hose System 1/4
3440100000 ETC2-3440100000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Littelfuse
344012 LITTELFUSE-344012 Datasheet
194Kb / 3P
Traditional Panel Mount Type
344012 LITTELFUSE-344012 Datasheet
440Kb / 1P
344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
logo
List of Unclassifed Man...
3440150000 ETC2-3440150000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 34401

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34404 BELDEN-34404 Datasheet
141Kb / 2P
Lead Wire, #4 Str TC, CSPE Ins, AWM 3192
01-20-2023
34406 BELDEN-34406 Datasheet
141Kb / 2P
Lead Wire, #6 Str TC, CSPE Ins, AWM 3192
01-20-2023
34414 BELDEN-34414 Datasheet
190Kb / 2P
Lead Wire, #14 Str TC, CSPE Ins, AWM 3191
01-20-2023
34430 BELDEN-34430 Datasheet
141Kb / 2P
Lead Wire, #3/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34440 BELDEN-34440 Datasheet
141Kb / 2P
Lead Wire, #4/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34490 BELDEN-34490 Datasheet
141Kb / 2P
Lead Wire, #1/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34916 BELDEN-34916 Datasheet
140Kb / 2P
Lead Wire, #16 Str TC, CSPE Ins, AWM 3190
05-05-2023
34920 BELDEN-34920 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, CSPE Ins, AWM 3190
05-05-2023
34922 BELDEN-34922 Datasheet
139Kb / 2P
Lead Wire, #22 Str TC, CSPE Ins, AWM 3190
05-05-2023
34400 BELDEN-34400 Datasheet
141Kb / 2P
Lead Wire, #2/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com