Electronic Components Datasheet Search
  English  ▼

X  

34403 Datasheet(PDF) 1 Page - Belden Inc.

Part # 34403
Description  Lead Wire, #3 Str TC, CSPE Ins, AWM 3192
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

34403 Datasheet(HTML) 1 Page - Belden Inc.

  34403 Datasheet HTML 1Page - Belden Inc. 34403 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 34403
Lead Wire, #3 Str TC, CSPE Ins, AWM 3192
Product Description
Low Temp Rubber Lead Wire, 3AWG (133x24) Tinned Copper, CSPE Insulation, AWM 3192 CSA TYPE CL1052 600V 105C
Technical Specifications
Product Overview
Suitable Applications:
Class 130(B) motor lead systems, internal wiring of appliances, oil resistance applications
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 1
3
133x24
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
CSPE - Chlorosulphonated Polyethylene 0.066 in (1.7 mm) 0.438 in (11.1 mm)
Overall Cable Diameter (Nominal):
0.438 in (11.1 mm)
Electrical Characteristics
Voltage
UL Voltage Rating
600 V RMS (UL AWM 3192), 300 V RMS (CSA CL1052)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-30°C To +105°C
Bend Radius
Stationary Min.
Installation Min.
1.76 in (44.7 mm) 1.76 in (44.7 mm)
Max. Pull Tension:
678 lbs (308 kg)
Recommended Max Baking Cycles: 24 Hours @ 300°F (149°C)
Bulk Cable Weight:
226 lbs/1000ft
Standards and Compliance
Sustainability:
CA Prop 65
AWM Compliance:
AWM 3192
CEC / C(UL) Compliance:
CL-1052
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)


Similar Part No. - 34403

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3440301600 ETC2-3440301600 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 34403

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34404 BELDEN-34404 Datasheet
141Kb / 2P
Lead Wire, #4 Str TC, CSPE Ins, AWM 3192
01-20-2023
34406 BELDEN-34406 Datasheet
141Kb / 2P
Lead Wire, #6 Str TC, CSPE Ins, AWM 3192
01-20-2023
34410 BELDEN-34410 Datasheet
139Kb / 2P
Lead Wire, #10 Str TC, CSPE Ins, AWM 3191
01-20-2023
34408 BELDEN-34408 Datasheet
186Kb / 2P
Lead Wire, #8 Str TC, CSPE Ins, AWM 3192
01-20-2023
34414 BELDEN-34414 Datasheet
190Kb / 2P
Lead Wire, #14 Str TC, CSPE Ins, AWM 3191
01-20-2023
34430 BELDEN-34430 Datasheet
141Kb / 2P
Lead Wire, #3/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34916 BELDEN-34916 Datasheet
140Kb / 2P
Lead Wire, #16 Str TC, CSPE Ins, AWM 3190
05-05-2023
34920 BELDEN-34920 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, CSPE Ins, AWM 3190
05-05-2023
34922 BELDEN-34922 Datasheet
139Kb / 2P
Lead Wire, #22 Str TC, CSPE Ins, AWM 3190
05-05-2023
34402 BELDEN-34402 Datasheet
141Kb / 2P
Lead Wire, #2 Str TC, CSPE Ins, AWM 3192
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com