Electronic Components Datasheet Search
  English  ▼

X  

35612 Datasheet(PDF) 1 Page - Belden Inc.

Part # 35612
Description  Lead Wire, #12 Str TC, XLPO Ins, AWM 3173
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

35612 Datasheet(HTML) 1 Page - Belden Inc.

  35612 Datasheet HTML 1Page - Belden Inc. 35612 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 35612
Lead Wire, #12 Str TC, XLPO Ins, AWM 3173
Product Description
Rubber Lead Wire, 12AWG (65x30) Tinned Copper, XLPO Insulation, AWM 3173 CSA TYPE CL1251 600V 125C
Technical Specifications
Product Overview
Suitable Applications:
Class 130(B) motor lead systems, internal wiring of appliances
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
12
65x30
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness Min. Average Wall Thickness
XLP, XLPO, XLPE (Thermoset) 0.155 in
0.034 in
0.03 in
Electrical Characteristics
Voltage
UL Voltage Rating
600 V RMS
Temperature Range
UL Temp Rating:
125°C
Mechanical Characteristics
Recommended Max Baking
Cycles:
24 Hours @ 300°F (149°C) ~ 12 Hours @ 325°F (163°C) ~ 8 Hours @ 350°F (177°C)
Bulk Cable Weight:
27.300 lbs/1000ft
Min. Bend Radius/Minor Axis:
0.62 in
Standards
UL AWM Style Compliance:
AWM 3173
CSA Rating:
600 V, 125°C
CSA Type:
CL1251
Applicable Environmental and Other Programs
EU Directive 2000/53/EC
(ELV):
Yes
EU Directive 2003/96/EC
(BFR):
Yes
EU Directive 2011/65/EU
(RoHS 2):
Yes


Similar Part No. - 35612

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3561 ASM-SENSOR-3561 Datasheet
2Mb / 4P
BATTERY HiTESTER
logo
Pomona Electronics
3561 POMONA-3561 Datasheet
129Kb / 2P
Banana Jack To #12, 16, 20 & 22 Pin
logo
List of Unclassifed Man...
3561 ETC2-3561 Datasheet
1Mb / 16P
Drywall Punch
logo
Adafruit Industries
3561 ADAFRUIT-3561 Datasheet
113Kb / 2P
DIY HDMI Cable Parts - 20 cm HDMI Ribbon Cable
9-6-17
logo
Multicomp Pro
3561 MULTICOMP-3561 Datasheet
239Kb / 2P
Food-Grade Heat-Shrink Tubing Clear
16/05/20 V1.0
More results

Similar Description - 35612

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
35606 BELDEN-35606 Datasheet
149Kb / 2P
Lead Wire, #6 Str TC, XLPO Ins, AWM 3196
05-05-2023
35608 BELDEN-35608 Datasheet
149Kb / 2P
Lead Wire, #8 Str TC, XLPO Ins, AWM 3195
05-05-2023
35610 BELDEN-35610 Datasheet
154Kb / 2P
Lead Wire, #10 Str TC, XLPO Ins, AWM 3173
05-05-2023
35614 BELDEN-35614 Datasheet
154Kb / 2P
Lead Wire, #14 Str TC, XLPO Ins, AWM 3173
05-05-2023
35616 BELDEN-35616 Datasheet
152Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3173
01-20-2023
35618 BELDEN-35618 Datasheet
153Kb / 2P
Lead Wire, #18 Str TC, XLPO Ins, AWM 3173
03-04-2023
35620 BELDEN-35620 Datasheet
154Kb / 2P
Lead Wire, #20 Str TC, XLPO Ins, AWM 3173
05-05-2023
35622 BELDEN-35622 Datasheet
150Kb / 2P
Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
35716 BELDEN-35716 Datasheet
151Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3199
05-05-2023
35718 BELDEN-35718 Datasheet
154Kb / 2P
Lead Wire, #18 Str TC, XLPO Ins, AWM 3199
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com