Electronic Components Datasheet Search
  English  ▼

X  

PD40-13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD40-13
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD40-13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD40-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD40-13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40 Watts
PD40 Series
Low Cost
•
100% Burn-In
•
Small Size, Light Weight
•
Three Wide Input Voltage Ranges
10-30 VDC, 20-60 VDC, 30-90 VDC
•
Overvoltage Protection
•
Overcurrent Protection
•
Specification
All specifications typical at nominal line, full load and 25°C
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
Intelligent Design Quality Product
XPiQ inc.
DC/DC Converters
Input
Input Voltage
•
10 to 30 VDC
(PD40 “L” series)
20 to 60 VDC
(PD40 “M” series)
30 to 90 VDC
(PD40 “H” series)
Input Current
•
2.5A (rms) for 24 VDC
1.3A (rms) for 48 VDC
0.84A (rms) for 72 VDC
Output
Output Voltage/
•
See rating chart
Current
Ripple
•
1% peak to peak maximum
Overvoltage
•
Provided on output #1 only,
Protection
set at 112-132% of its nominal
output voltage
Overcurrent
•
All outputs protected in short
Protection:
circuit conditions
Temperature
•
All outputs ±0.04%/°C
Coefficient:
maximum
General
Efficiency
•
65% minimum
Hold-up time
•
10 msec
Line Regulation
•
±0.5% max
Isolation Voltage
•
1000 VDC from input to output
Environmental
Operating
•
0°C to +70°C*
Temperature
Storage
•
-40°C to +85°C
Temperature
MTBF
•
100,000 hours
Weight
•
300 grams - PCB
500 grams - enclosed
* Derate linearly from 100% load at 50°C to 50% load at 70°C
PD 40
26/4/02
2:41 pm
Page 1


Similar Part No. - PD40-13

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PD40-13 TRUMPOWER-PD40-13 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
logo
Powerbox
PD40-13 POWERBOX-PD40-13 Datasheet
1Mb / 4P
40-110 WATTS WIDE INPUT
logo
Tumbler Technologies + ...
PD40-13 TRUMPOWER-PD40-13 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
More results

Similar Description - PD40-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com