Electronic Components Datasheet Search
  English  ▼

X  

ICS527-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS527-03
Description  CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS527-03 Datasheet HTML 1Page - Renesas Technology Corp ICS527-03 Datasheet HTML 2Page - Renesas Technology Corp ICS527-03 Datasheet HTML 3Page - Renesas Technology Corp ICS527-03 Datasheet HTML 4Page - Renesas Technology Corp ICS527-03 Datasheet HTML 5Page - Renesas Technology Corp ICS527-03 Datasheet HTML 6Page - Renesas Technology Corp ICS527-03 Datasheet HTML 7Page - Renesas Technology Corp ICS527-03 Datasheet HTML 8Page - Renesas Technology Corp ICS527-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS527-03
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
PECL ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB 2
ICS527-03
REV E 051310
Pin Assignment
28 pin 150 mil body SSOP
Output Frequency and Output
Divider Table
Pin Descriptions
18
7
17
8
16
9
15
FBPECL
10
FBPECL
11
GND
12
PECL
13
CLKIN
14
PDTS
GND
F6
F0
F5
F3
F1
F4
22
21
20
19
F2
PECL
5
6
S1
VDD
VDD
24
23
R0
3
4
DIV2
S0
R1
26
25
R2
1
2
R5
R6
R3
28
27
R4
RES
S1 S0
Output Divider
Output Frequency (MHz)
0
0
2
10 - 80
01
4
5 - 40
1
0
8
2.5 - 20
1
1
1
20 -160
Pin
Number
Pin
Name
Pin
Type
Pin Description
1,2, 24-28
R5, R6,
R0-R4
Input
Reference divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up.
3
DIV2
Input
Selects CLK2 function to output a SYNC signal or a divide by 2 of CLK1 based
on the table above. Internal pull-up.
4, 5
S0, S1
Input
Select pins for output divider determined by user. See table above. Internal
pull-up.
6, 23
VDD
Power
Connect to +3.3 V.
7
FPECL
Input
PECL feedback input.
8
FPECL
Input
Complementary PECL feedback input.
9, 20
GND
Power
Connect to ground
10
CLKIN
Input
Clock input.
11
PDTS
Input
Power Down. Active low. Turns off entire chip when low, both clock outputs are
tri-stated. Internal pull-up.
12-18
F0-F6
Input
Feedback divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up
19
RES
BIAS
Resistor connection to VDD for setting level of PECL outputs.
21
PECL
Output
Complementary PECL input clock.
22
PECL
Output
PECL input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com