Electronic Components Datasheet Search
  English  ▼

X  

ICS544-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS544-01
Description  CLOCK DIVIDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS544-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS544-01 Datasheet HTML 1Page - Renesas Technology Corp ICS544-01 Datasheet HTML 2Page - Renesas Technology Corp ICS544-01 Datasheet HTML 3Page - Renesas Technology Corp ICS544-01 Datasheet HTML 4Page - Renesas Technology Corp ICS544-01 Datasheet HTML 5Page - Renesas Technology Corp ICS544-01 Datasheet HTML 6Page - Renesas Technology Corp ICS544-01 Datasheet HTML 7Page - Renesas Technology Corp ICS544-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS544-01
CLOCK DIVIDER
CLOCK DIVIDER
IDT® CLOCK DIVIDER
2
ICS544-01
REV B 051810
Pin Assignment
8-pin (150 mil) SOIC
Clock Divider Table
0 = connect directly to ground
1 = connect directly to VDD
Pin Descriptions
External Components
Series Termination Resistor
Ω
Ω
Ω
On chip capacitors
connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value (in pf) of these
crystal caps equal (CL-12)*2 in this equation,
CL=crystal load capacitance in pf. For example, for a
crystal with a 16 pF load cap, each external crystal cap
would be 8 pF. [(16-12)x2]=8.
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS544-01 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the PCB ground plane.
X1/ ICLK
X2
GND
VDD
S0
OE
CLK
S1
1
2
3
4
8
7
6
5
S1
S0
CLK
0
0
Input/32
0
1
Input/64
10
Input/256
11
Input/512
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Crystal input.
2
X2
Xo
Connect to crystal for crystal input and leave open for clock input.
3
GND
Power
Connect to ground.
4
S0
Input
Select 0 for output clock. Connect to GND or VDD, per divider table above.
Internal pull-up resistor.
5
CLK
Output
Clock output per table above. Internal Pull down resistor.
6
OE
Input
Output Enable.Tri-states output clock when low. Also shuts down the oscillator
circuit. Internal pull-up resistor. OE=1 normal operation.
7
VDD
Power
Connect to 2.25 V to 3.6 V.
8
S1
Input
Select 1 for output clock. Connect to GND or VDD, per divider table above.
Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com