Electronic Components Datasheet Search
  English  ▼

X  

ICS580-01 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS580-01
Description  GLITCH-FREE CLOCK MULITPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS580-01 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS580-01 Datasheet HTML 6Page - Renesas Technology Corp ICS580-01 Datasheet HTML 7Page - Renesas Technology Corp ICS580-01 Datasheet HTML 8Page - Renesas Technology Corp ICS580-01 Datasheet HTML 9Page - Renesas Technology Corp ICS580-01 Datasheet HTML 10Page - Renesas Technology Corp ICS580-01 Datasheet HTML 11Page - Renesas Technology Corp ICS580-01 Datasheet HTML 12Page - Renesas Technology Corp ICS580-01 Datasheet HTML 13Page - Renesas Technology Corp ICS580-01 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
12
ICS580-01
REV L 051310
Ordering Information
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
580M-01LF
see page 9
Tubes
16-pin SOIC
0 to +70
° C
580M-01LFT
Tape and Reel
16-pin SOIC
0 to +70
° C
580M-01ILF
Tubes
16-pin SOIC
-40 to +85
° C
580M-01ILFT
Tape and Reel
16-pin SOIC
-40 to +85
° C
580G-01LF
see page 9
Tubes
16-pin TSSOP
0 to +70
° C
580G-01LFT
Tape and Reel
16-pin TSSOP
0 to +70
° C
580G-01ILF
Tubes
16-pin TSSOP
-40 to +85
° C
580G-01ILFT
Tape and Reel
16-pin TSSOP
-40 to +85
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com