Electronic Components Datasheet Search
  English  ▼

X  

ICS650-36 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS650-36
Description  NETWORKING AND PCI CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-36 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS650-36 Datasheet HTML 1Page - Renesas Technology Corp ICS650-36 Datasheet HTML 2Page - Renesas Technology Corp ICS650-36 Datasheet HTML 3Page - Renesas Technology Corp ICS650-36 Datasheet HTML 4Page - Renesas Technology Corp ICS650-36 Datasheet HTML 5Page - Renesas Technology Corp ICS650-36 Datasheet HTML 6Page - Renesas Technology Corp ICS650-36 Datasheet HTML 7Page - Renesas Technology Corp ICS650-36 Datasheet HTML 8Page - Renesas Technology Corp ICS650-36 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
NETWORKING AND PCI CLOCK SOURCE
ICS650-36
IDT™ / ICS™ NETWORKING AND PCI CLOCK SOURCE
1
ICS650-36
REV F 051310
Description
The ICS650-36 is a low cost frequency generator designed
to support networking and PCI applications. Using
analog/digital Phase Locked-Loop (PLL) techniques, the
device uses a standard fundamental mode, inexpensive
crystal input of 25 MHz to produce four output clocks
supporting LAN, PCI, and 100M SDRAM functions.
The device also has a power down feature that tri-states the
clock outputs and turns off the PLL when the PDTS pin is
taken low.
Features
• Packaged in 16-pin TSSOP
• Pb (lead) free package
• Replaces multiple crystals and oscillators
• Input crystal or clock frequency of 25 MHz
• Fixed reference output frequency of 25 MHz
• Selectable output frequencies of 33.3, 33.333, 50,
66.666, 100, and 125 MHz
• Duty cycle of 40/60
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• Industrial and commercial temperature ranges
Block Diagram
X1/ICLK
X2
PLL1
PLL2
Crystal
Oscillator/
Clock
Buffer
25 MHz
crystal
input
External capacitors
may be required.
VDD
GND
PDTS (all outputs and PLLs)
CLK1
3
3
PLL3
CLK3
CLK2
REF
Select/
Control
Circuit
3
S2:0


Similar Part No. - ICS650-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-36 ICST-ICS650-36 Datasheet
168Kb / 7P
Networking & PCI Clock Source
Revision 030206
More results

Similar Description - ICS650-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
PCI-EXPRESS CLOCK SOURCE
Revision 061005
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS650-36 ICST-ICS650-36 Datasheet
168Kb / 7P
Networking & PCI Clock Source
Revision 030206
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com