Electronic Components Datasheet Search
  English  ▼

X  

ICS650-41 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS650-41
Description  SPREAD SPECTRUM CLOCK SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-41 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS650-41 Datasheet HTML 4Page - Renesas Technology Corp ICS650-41 Datasheet HTML 5Page - Renesas Technology Corp ICS650-41 Datasheet HTML 6Page - Renesas Technology Corp ICS650-41 Datasheet HTML 7Page - Renesas Technology Corp ICS650-41 Datasheet HTML 8Page - Renesas Technology Corp ICS650-41 Datasheet HTML 9Page - Renesas Technology Corp ICS650-41 Datasheet HTML 10Page - Renesas Technology Corp ICS650-41 Datasheet HTML 11Page - Renesas Technology Corp ICS650-41 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ICS650-41
SPREAD SPECTRUM CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ SPREAD SPECTRUM CLOCK SYNTHESIZER
10
ICS650-41
REV G 102709
Revision History
Rev.
Originator
Date
Description of Change
B
P.Griffith
10/07/04
Changed the input frequency from 14.31818 to 25 MHz; changed Short Circuit Current
from ±70 to ±50; added separate Pull-up resistor spec for SS_EN; added “I” to part
ordering number
C
P. Griffith
11/15/04
Changed AC and DC parameters to reflect measured char values: IDD, IDDO, VIH, VIL,
RPU, II, RPD, t1,.t2, t3, t4, tja, tEN, tDIS, tP. Added Figures for key parameters.
D
P. Griffith
12/06/04
Changed jitter spec to +/-150 ps and duty cycle to 45% min, 55% max.
E
P. Griffith
1/17/05
Renamed pin 1 to X1/CLKin on page2, improved jitter spec to +/-125 ps on front page and
in electrical tables, changed rise and fall time to 1.5 ns typical to reflect balanced drive,
changed typical ID spec to 4 ma, updated graphs on page 8 to reflect separate VDDO and
correct bypass capacitor value, updated marking diagram and ordering table to reflect
Pb-free device.
G
10/27/09
Updated ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com