Electronic Components Datasheet Search
  English  ▼

X  

ICS650-44 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS650-44
Description  SPREAD SPECTRUM CLOCK SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-44 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS650-44 Datasheet HTML 2Page - Renesas Technology Corp ICS650-44 Datasheet HTML 3Page - Renesas Technology Corp ICS650-44 Datasheet HTML 4Page - Renesas Technology Corp ICS650-44 Datasheet HTML 5Page - Renesas Technology Corp ICS650-44 Datasheet HTML 6Page - Renesas Technology Corp ICS650-44 Datasheet HTML 7Page - Renesas Technology Corp ICS650-44 Datasheet HTML 8Page - Renesas Technology Corp ICS650-44 Datasheet HTML 9Page - Renesas Technology Corp ICS650-44 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ICS650-44
SPREAD SPECTRUM CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ SPREAD SPECTRUM CLOCK SYNTHESIZER
6
ICS650-44
REV E 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, VDDO = 2.5 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: Measured with 5 pF load.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Crystal or clock input
25
MHz
Spread Spectrum Modulation
Frequency
50
kHz
Duty Cycle
t2/t1
At VDD/2, Note 1 and
Figures 1 and 2
45
50
55
%
Output Fall Time
t3
80% to 20%, Note 1
and Figures 1 & 3
1.5
ns
Output Rise Time
t4
20% to 80%, Note 1
and Figures 1 & 3
1.5
ns
One Sigma Clock Period Jitter
Note 1
30
ps
Absolute Jitter, Peak-to-Peak
tja
Deviation from mean,
Note1 & Figures 1 and
6
±125
ps
Output Enable Time
tEN
PDTS high to PLL
locked to within 1% of
final value, Figure 5
2.5
5
ms
Output Disable Time
tDIS
PDTS low to tri-state,
Figure 5
20
ns
Output-to-Output Skew
±180
ps
Power-up Time
tP
PLL lock-time from
power-up to 1% of final
value, Figure 4
610
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com