Electronic Components Datasheet Search
  English  ▼

X  

ICS664-05 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS664-05
Description  DIGITAL VIDEO CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS664-05 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS664-05 Datasheet HTML 1Page - Renesas Technology Corp ICS664-05 Datasheet HTML 2Page - Renesas Technology Corp ICS664-05 Datasheet HTML 3Page - Renesas Technology Corp ICS664-05 Datasheet HTML 4Page - Renesas Technology Corp ICS664-05 Datasheet HTML 5Page - Renesas Technology Corp ICS664-05 Datasheet HTML 6Page - Renesas Technology Corp ICS664-05 Datasheet HTML 7Page - Renesas Technology Corp ICS664-05 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS664-05
DIGITAL VIDEO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ DIGITAL VIDEO CLOCK SOURCE
2
ICS664-05
REV D 100907
Pin Assignment
16-pin TSSOP
Output Clock Selection Table
Pin Descriptions
12
1
11
2
10
X1/REFIN
X2
3
9
VDD
4
VDD
N/C
5
S0
6
VDD
7
GND
8
GND
GND
SELIN
VDDO
S3
S1
S2
CLK
16
15
14
13
S3
S2
S1
S0
Input
Frequency
(MHz)
Output
Frequency
(MHz)
0000
Outputs disabled
0001
27
27
0010
27
74.25
0011
27
74.175824
0100
27
67.5
0101
67.5
27
0110
27
148.5000
0111
27
148.351648
1000
74.25
54
1001
74.175824
54
1010
74.25
27
1011
74.175824
27
1100
54
74.25
1101
54
74.175824
1110
54
148.5
1111
54
148.351648
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/REFIN
Input
Connect this pin to a crystal or clock input
2
VDD
Power
Connect to +3.3 V.
3
VDD
Power
Connect to +3.3 V.
4
S0
Input
Output frequency selection. Determines output frequency per table above. Internal pull-up.
5
GND
Power
Connect to ground.
6
GND
Power
Connect to ground.
7
S3
Input
Output frequency selection. Determines output frequency per table above. Internal pull-up.
8
S2
Input
Output frequency selection. Determines output frequency per table above. Internal pull-up.
9
CLK
Output
Clock output.
10
S1
Input
Output frequency selection. Determines output frequency per table above. Internal pull-up.
11
VDDO
Power
Connect to +2.5 V to +3.3 V.
12
SEL
Input
Low for clock input, high for crystal. Internal pull-up.
13
GND
Power
Connect to ground.
14
VDD
Power
Connect to +3.3 V.
15
NC
—
No connect. Do not connect to anything.
16
X2
Input
Connect this pin to a crystal. Leave open if using a clock input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com