Electronic Components Datasheet Search
  English  ▼

X  

GS01MSABE Datasheet(PDF) 1 Page - ITT Industries

Part # GS01MSABE
Description  Sealed Ultraminiature Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

GS01MSABE Datasheet(HTML) 1 Page - ITT Industries

  GS01MSABE Datasheet HTML 1Page - ITT Industries GS01MSABE Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
J–16
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K GS Series
Sealed Ultraminiature Slide Switches
C & K MARKING ON
OPPOSITE SIDE
TOTAL
TRAVEL
GS02 Model
Actuator Shown
In Pos. 1
Actuator Shown
In Pos. 1
PC MOUNTING
GS02-omit center hole.
SPST
ON
OFF
1-3
OPEN
GS04MCBE
Conn. Terms.
SPST
OFF
ON
OPEN
3-1
GS02MCBE
Conn. Terms.
SPDT
ON
ON
2-1
2-3
GS01MCBE
Conn. Terms.
SCHEMATIC
SWITCH FUNCTION
POS.1
POS. 2
PART NUMBER
GS01MCBE
SPDT
Features/Benefits
• Ultraminiature design saves PCB space
• Sealed construction, process compatible
with most PCB wash processes
• Available in thru-hole and surface mount
• Long life contact design
• RoHS compliant
Typical Applications
• Computer peripherals &
network products
• Test & measurement equipment
• Telephone & cable modems
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break
cycles at full load.
CONTACT RESISTANCE: Below 50 m
Ω typ. initial @
2–4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level.
STORAGE & OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
PACKAGING: Switches available in embossed anti-static tape
and reels per EIA 481A. Some models available on embossed
anti-static tape and reels per EIA 481-3, consult Customer
Service Center.
Materials
HOUSING & BASE: Glass filled 6/6 or 4/6, flame retardant, heat
stabilized (UL 94V-0).
ACTUATOR: Polyetherimide PEI (UL 94V-0), with standard
internal seal.
SWITCH SUPPORT: Brass, matte-tin plated.
MOVABLE CONTACT: Copper with gold plate over nickel plate.
STATIONARY CONTACTS: Copper alloy, with gold plate over
nickel plate.
TERMINALS: Copper alloy, with gold plate over nickel plate.
TERMINAL SEAL: Epoxy. All terminals insert molded.
NOTE: All models are RoHS compliant and compatible with all options. For the latest infor-
mation regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for GS Series Sealed Ultraminiature Slide Switches are shown below and on page J–17.


Similar Part No. - GS01MSABE

ManufacturerPart #DatasheetDescription
logo
C&K Components
GS01MSABE CK-COMPONENTS-GS01MSABE Datasheet
223Kb / 2P
Sealed Ultraminiature Slide Switches
More results

Similar Description - GS01MSABE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
Sealed Ultraminiature Pushbutton Switches
PCM12SMTR ITT-PCM12SMTR Datasheet
204Kb / 2P
Ultraminiature Surface Mount Slide Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
GT11MCXE CK-COMPONENTS-GT11MCXE Datasheet
410Kb / 5P
Sealed Ultraminiature Toggle Switches
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
Ultraminiature Surface Mount Slide Switches
GS01MCBE CK-COMPONENTS-GS01MCBE Datasheet
223Kb / 2P
Sealed Ultraminiature Slide Switches
GT11MSCBE CK-COMPONENTS-GT11MSCBE Datasheet
419Kb / 5P
Sealed Ultraminiature Toggle Switches
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
Sealed Ultraminiature Pushbutton Switches
2 Mar 22
GS CK-COMPONENTS-GS Datasheet
390Kb / 3P
Sealed Ultraminiature Slide Switches
16 Mar 22
PCM CK-COMPONENTS-PCM_V01 Datasheet
322Kb / 3P
Ultraminiature Surface Mount Slide Switches
16 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com