Electronic Components Datasheet Search
  English  ▼

X  

DP83220 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83220
Description  CDL Twisted Pair FDDI Transceiver Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83220 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83220 Datasheet HTML 2Page - National Semiconductor (TI) DP83220 Datasheet HTML 3Page - National Semiconductor (TI) DP83220 Datasheet HTML 4Page - National Semiconductor (TI) DP83220 Datasheet HTML 5Page - National Semiconductor (TI) DP83220 Datasheet HTML 6Page - National Semiconductor (TI) DP83220 Datasheet HTML 7Page - National Semiconductor (TI) DP83220 Datasheet HTML 8Page - National Semiconductor (TI) DP83220 Datasheet HTML 9Page - National Semiconductor (TI) DP83220 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
40 Electrical Characteristics (Continued)
43 TRANSMIT DATA AND CURRENT DRIVER OUTPUT
TXDn
TXDnb1ITXOa
ITXOb
00
(I1)Imax
(I2)Imax
01
(I1 a I2)Imax
0
10
0
(I1 a I2)Imax
11
(I2)Imax
(I1)Imax
TLF11724 – 9
FIGURE 8 Typical Pre-Emphasized Current Waveform ITXOa
TABLE I Media Select
Mode
MSEL
STP
k
15V
DTP
l
37V
SDDI
Float
TABLE II Data Paths and Signal Detect
LBEN
CDET
Data
PMIDg
SDa
0
1
RXIg
0
0
0
RXIg
1
1
1
PMRDg
1
1
0
PMRDg
1
Note
This table assumes that minimum signal’s levels required by Signal
Detect have been met
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com