Electronic Components Datasheet Search
  English  ▼

X  

AM29LV320DB90WMF Datasheet(PDF) 28 Page - SPANSION

Part # AM29LV320DB90WMF
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320DB90WMF Datasheet(HTML) 28 Page - SPANSION

Back Button AM29LV320DB90WMF Datasheet HTML 24Page - SPANSION AM29LV320DB90WMF Datasheet HTML 25Page - SPANSION AM29LV320DB90WMF Datasheet HTML 26Page - SPANSION AM29LV320DB90WMF Datasheet HTML 27Page - SPANSION AM29LV320DB90WMF Datasheet HTML 28Page - SPANSION AM29LV320DB90WMF Datasheet HTML 29Page - SPANSION AM29LV320DB90WMF Datasheet HTML 30Page - SPANSION AM29LV320DB90WMF Datasheet HTML 31Page - SPANSION AM29LV320DB90WMF Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
28
Am29LV320D
November 15, 2004
time-out period resets the device to the
read mode. The system must rewrite the com-
mand sequence and any additional addresses
and commands.
The system can monitor DQ3 to determine if
the sector erase timer timed out (See the sec-
tion “DQ3: Sector Erase Timer” on page 32.).
The time-out begins from the rising edge of the
final WE# pulse in the command sequence.
When the Embedded Erase algorithm is com-
plete, the device returns to reading array data
and addresses are no longer latched. The sys-
tem can determine the status of the erase op-
eration by reading DQ7, DQ6, DQ2, or RY/BY#
in the erasing sector. Refer to “Write Operation
Status” on page 30 for information on these
status bits.
Once the sector erase operation begins, only
the Erase Suspend command is valid. All other
commands are ignored. However, note that a
hardware reset immediately terminates the
erase operation. If that occurs, the sector erase
command sequence should be reinitiated once
the device returns to reading array data, to en-
sure data integrity.
Figure 5, on page 28 illustrates the algorithm
for the erase operation. Refer to table “Erase
and Program Operations” on page 41 for pa-
rameters, and Figure 19, on page 43 for timing
diagrams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command, B0h, allows the
system to interrupt a sector erase operation
and then read data from, or program data to,
any sector not selected for erasure. This com-
mand is valid only during the sector erase oper-
ation, including the 50 µs time-out period
during the sector erase command sequence.
The Erase Suspend command is ignored if writ-
ten during the chip erase operation or Embed-
ded Program algorithm.
When the Erase Suspend command is written
during the sector erase operation, the device
requires a maximum of 20 µs to suspend the
erase operation. However, when the Erase Sus-
pend command is written during the sector
erase time-out, the device immediately termi-
nates the time-out period and suspends the
erase operation.
After the erase operation is suspended, the de-
vice enters the erase-suspend-read mode. The
system can read data from or program data to
any sector not selected for erasure. (The device
“erase suspends” all sectors selected for era-
sure.) Reading at any address within erase-sus-
pended sectors produces status information on
DQ7–DQ0. The system can use DQ7, or DQ6
and DQ2 together, to determine if a sector is
actively erasing or is erase-suspended. Refer to
the “Write Operation Status” on page 30 sec-
tion for information on these status bits.
After an erase-suspended program operation is
complete, the device returns to the erase-sus-
pend-read mode. The system can determine
the status of the program operation using the
DQ7 or DQ6 status bits, just as in the standard
Byte Program operation. Refer to “Write Opera-
tion Status” on page 30 for more information.
In the erase-suspend-read mode, the system
can also issue the autoselect command se-
quence. Refer to “Autoselect Mode” on page 16
and “Autoselect Command Sequence” on
page 25 for details.
To resume the sector erase operation, the sys-
tem must write the Erase Resume command.
Further writes of the Resume command are ig-
nored. Another Erase Suspend command can
be written after the chip resumes erasing.
Figure 5. Erase Operation
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
Notes:
1. See Table 14, on page 29 for erase command
sequence.
2. See the section on DQ3 for information on the
sector erase timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com