Electronic Components Datasheet Search
  English  ▼

X  

K5G Datasheet(PDF) 1 Page - ITT Industries

Part # K5G
Description  Snap Action Key Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K5G Datasheet(HTML) 1 Page - ITT Industries

  K5G Datasheet HTML 1Page - ITT Industries K5G Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ittcannon.com
E–3
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
K5G Series
Snap Action Key Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Series
K5G
Double Stroke
G
K
5
Features/Benefits
• Double stroke version
• Excellent tactile feel
• Low profile
• Quiet actuation
• RoHS compliant
Typical Applications
• Automotive
- Window lift
- Sun-roof control
• Multi-function devices
Electrical
POWER MIN / MAX: .02 VA / 1 VA
VOLTAGE MIN / MAX: 20 mV / 30 VDC
CURRENT MIN / MAX DC: .01 mA / 50 mA
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1GΩ
BOUNCE TIME: 5 ms
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C.
STORAGE TEMPERATURE: -50˚C to 95˚C.
WASHABLE: No
Process
SOLDERING: Lead Free reflow compatible in accordance
with CEI 60068-2-58
Materials
CONTACTS: Au over Ni
SOLDERING PINS: Au
HOUSING: Thermoplastic UL 94 H-B
Mechanical
OPERATING FORCE FIRST STROKE: 3.7 + 0,8 - 0,5N
OPERATING FORCE SECOND STROKE: 6.5 N + 0.8 - 0,5N
ELECTRICAL TRAVEL FIRST STROKE: 0,5 mm
ELECTRICAL TRAVEL SECOND STROKE: 0,85 mm
TOTAL TRAVEL: 1 mm
OPERATING LIFE: 30,000 actuations
Packaging
Switches are delivered on continuous tape, in reels of 500 pieces
Construction
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 2 make contacts, SPST
TERMINALS: Gullwing type for SMT
NOTE: Product to be offered as compatible with the lead free soldering profile
on Q3 2006.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Actuation Force
4/6.5N
4/6.5 Newtons


Similar Part No. - K5G

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5G CK-COMPONENTS-K5G Datasheet
144Kb / 2P
Snap Action Key Switch
K5G46.5NAG CK-COMPONENTS-K5G46.5NAG Datasheet
144Kb / 2P
Snap Action Key Switch
K5G46.5NAU CK-COMPONENTS-K5G46.5NAU Datasheet
144Kb / 2P
Snap Action Key Switch
More results

Similar Description - K5G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K5A22N ITT-K5A22N Datasheet
186Kb / 2P
Snap Action Key Switch Switch
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
logo
C&K Components
K5A2 CK-COMPONENTS-K5A2 Datasheet
155Kb / 2P
Snap Action Key Switch Switch
K5G CK-COMPONENTS-K5G Datasheet
144Kb / 2P
Snap Action Key Switch
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
SNAP ACTION SWITCH
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com