Electronic Components Datasheet Search
  English  ▼

X  

3B45 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B45
Description  Isolated Frequency Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B45 Datasheet(HTML) 3 Page - Analog Devices

  3B45 Datasheet HTML 1Page - Analog Devices 3B45 Datasheet HTML 2Page - Analog Devices 3B45 Datasheet HTML 3Page - Analog Devices 3B45 Datasheet HTML 4Page - Analog Devices 3B45 Datasheet HTML 5Page - Analog Devices 3B45 Datasheet HTML 6Page - Analog Devices 3B45 Datasheet HTML 7Page - Analog Devices 3B45 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B45 / 3B46
Rev. 0 | Page 3 of 8
3B45 and 3B46 Models Available
Model
Input Range
Output Ranges1
Step Response
3B45-00
Externally Programmable2
0 V to +10 V & 0 mA to 20 mA
3B45-01
0 Hz to 25 Hz
0 V to +10 V & 0 mA to 20 mA
1.6 sec
3B45-02
0 Hz to 300 Hz
0 V to +10 V & 0 mA to 20 mA
0.6 sec
3B45-Custom
*
*
Model
Input Range
Output Ranges1
Step Response
3B46-00
Externally Programmable2
0 V to +10 V & 0 mA to 20 mA
3B46-01
0 kHz to 1.5 kHz
0 V to +10 V & 0 mA to 20 mA
0.07 sec
3B46-02
0 kHz to 3 kHz
0 V to +10 V & 0 mA to 20 mA
0.03 sec
3B46-03
0 kHz to 25 kHz
0 V to +10 V & 0 mA to 20 mA
0.03 sec
3B46-Custom
*
*
1 Output current range may be user programmed to 4 mA to 20 mA using jumper supplied.
2 Requires AC1310 ranging card.
* Custom Input/Output ranges are available. Refer to configuration guide.
3B45 and 3B46 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B45
Model 3B46
Input Ranges
Standard Ranges
Refer to Model Table
Refer to Model Table
Custom Ranges
25 Hz span, min : 1100 Hz span, max.
520 Hz span, min : 25 kHz span, max.
Output Ranges
Voltage (RL > 2 kΩ)
0 V to +10 V
*
Current (RL + 0 to 850 Ω)
1
4 mA to 20 mA or 0 mA to 20 mA
*
Maximum Current Output Span
0 mA to 31 mA
*
Accuracy2
Initial @ +25°C
±0.1% Span
*
Nonlinearity
±0.02% Span
*
Stability vs. Temperature
Voltage Output
Output Zero
±500 µV/°C
*
Span
±50 ppm of Reading/°C
*
Current Output3
Zero
±25 ppm of Span/°C
*
Span
±25 ppm of Reading/°C
*
Zero and Span Adjustment Range4
±5% of Span
*
Input Bias Current
+3 nA
*
Input Resistance
Small Signal, Vin < 4 V pk-pk
15 M
Ω
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com