Electronic Components Datasheet Search
  English  ▼

X  

74F365 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F365
Description  Hex Buffer/Driver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F365 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F365 Datasheet HTML 1Page - National Semiconductor (TI) 74F365 Datasheet HTML 2Page - National Semiconductor (TI) 74F365 Datasheet HTML 3Page - National Semiconductor (TI) 74F365 Datasheet HTML 4Page - National Semiconductor (TI) 74F365 Datasheet HTML 5Page - National Semiconductor (TI) 74F365 Datasheet HTML 6Page - National Semiconductor (TI) 74F365 Datasheet HTML 7Page - National Semiconductor (TI) 74F365 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
25
46
65
20
70
20
70
ns
tPHL
In to On
25
49
70
20
70
20
75
tPZH
Enable Time
25
51
95
20
85
25
100
ns
tPZL
25
57
90
20
85
25
95
tPHZ
Disable Time
20
36
65
15
65
20
70
ns
tPLZ
20
44
65
15
90
20
70
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
365
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reels
Package Code
Temperature Range
P e Plastic DIP
CeCommercial (0 Cto a70 C)
D e Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e Flatpak
L e
Leadless Chip Carrier (LCC)
S e Small Outline (SOIC)
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com