Electronic Components Datasheet Search
  English  ▼

X  

BFR92AW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFR92AW
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR92AW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFR92AW Datasheet HTML 4Page - NXP Semiconductors BFR92AW Datasheet HTML 5Page - NXP Semiconductors BFR92AW Datasheet HTML 6Page - NXP Semiconductors BFR92AW Datasheet HTML 7Page - NXP Semiconductors BFR92AW Datasheet HTML 8Page - NXP Semiconductors BFR92AW Datasheet HTML 9Page - NXP Semiconductors BFR92AW Datasheet HTML 10Page - NXP Semiconductors BFR92AW Datasheet HTML 11Page - NXP Semiconductors BFR92AW Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1995 Sep 18
8
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR92AW
Fig.13 Common emitter noise figure circles; typical values.
f = 1 GHz; VCE = 10 V; IC = 5 mA; Zo =50 Ω.
handbook, full pagewidth
MGC892
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
45 o
90 o
135 o
1
0.5
1
2
5
2
1
5
180 o
2
5
0.5
0.2
0.2
0.5
0.2
0
(4)
(3)
(2)
(1)
(6)
(5)
(7)
(8)
(1)
Γopt; Fmin = 2.1 dB.
(2) F = 2.5 dB.
(3) F = 3 dB.
(4) F = 4 dB.
(5)
Γms;Gmax = 15.7 dB.
(6) G = 15 dB.
(7) G = 14 dB.
(8) G = 13 dB.
Fig.14 Common emitter noise figure circles; typical values.
f = 2 GHz; VCE = 10 V; IC = 5 mA; Zo =50 Ω.
handbook, full pagewidth
MGC893
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
45 o
90 o
135 o
1
0.5
1
2
5
2
1
5
180 o
2
5
0.5
0.5
0.2
0
0.2
0.2
(3)
(2)
(1)
(5)
(4)
(6)
(7)
(8)
(1)
Γopt; Fmin = 3 dB.
(2) F = 3.5 dB.
(3) F = 4 dB.
(4) F = 5 dB.
(5)
Γms;Gmax = 9.1 dB.
(6) G = 8 dB.
(7) G = 7 dB.
(8) G = 6 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com