Electronic Components Datasheet Search
  English  ▼

X  

D2052M Datasheet(PDF) 1 Page - G.M. International

Part # D2052M
Description  Relay Output Repeater DIN-Rail Model D2052M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D2052M Datasheet(HTML) 1 Page - G.M. International

  D2052M Datasheet HTML 1Page - G.M. International D2052M Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristics:
Technical Data:
Features:
Ordering Information:
D2052
Supply:
24 Vdc nom (20 to 30 Vdc) reverse polarity protected,
ripple within voltage limits ≤ 5 Vpp.
Current consumption @ 24 V: 300 mA with relays energized.
Power dissipation: 7.2 W with 24 V supply voltage and relays energized.
Max. power consumption: at 30 V supply voltage and relays energized 11.0 W.
Isolation (Test Voltage):
Out/In 1.5 KV; Out/Supply 1.5 KV; Out/Out 1.5 KV.
Input:
via D2050M dedicated bus.
Output:
voltage free SPDT relay contact.
Contact material: AgNi90/10.
Contact rating: 2 A 250 Vac 500 VA, 2 A 250 Vdc 80 W (resistive load).
DC Load breaking capacity:
Mechanical / Electrical life: 15 * 106 / 1 * 105 operation, typical.
Operate / Release time: 5 / 2 ms typical.
Bounce time NO / NC contact: 1 / 5 ms.
Response time: 20 ms.
Frequency response: 10 Hz maximum.
Compatibility:
CE mark compliant, conforms to 2004/108/CE EMC Directive.
Environmental conditions:
Operating: temperature limits – 40 to + 60 °C,
relative humidity max 90 % non condensing, up to 35 °C.
Storage: temperature limits – 45 to + 80 °C.
Mounting:
T35 DIN Rail according to EN50022.
Weight: about 780 g.
Connection: by polarized plug-in disconnect screw terminal blocks to accomodate
terminations up to 2.5 mm2.
Location: Safe Area/Non Hazardous Locations installation.
Protection class: IP 20.
Dimensions: Width 127 mm, Length 220 mm, Depth 78 mm.
G.M. International DTS0124-5 Page 1/2
Model:
D2052M
Relay Output Repeater
DIN-Rail Model D2052M
General description:
D2000M series Intrinsically Safe Multiplexing System consists of one to four
Analog-Temperature Multiplexer units model D2010M, up to twelve Expander units
model D2011M, or up to four Digital Multiplexer units model D2030M, mounted in
Hazardous Area/Hazardous Locations Zone 1-2, Gas Group IIC-IIB-IIA T4 or
Class I, Division 1-2, Group A, B, C, D T4 and connected via a single/redundant 2 wires
data communication/supply line to a Modbus Gateway unit model D2050M,
mounted in Safe Area/Non Hazardous Locations and connected to a PLC, DCS or PC.
The D2052M unit is primarily intended for replication of proximity sensor or voltage free
contact status of devices located in Hazardous Area/Hazardous Locations in the
Safe Area/Non Hazardous Locations. When connected to D2050M unit, it repeats the
status of each D2030M digital input multiplexer unit.
The unit is driven by the Gateway D2050M via a dedicated bus.
Application of this devices allows the reduction in cabling complexity where digital status
are to be repeated in discrete form, in addition to the capability of analyzing them via
Modbus. The D2052M unit is equipped with 32 relay output SPDT contacts.
The repeaters have the same channel capability as the digital field devices, so that
every input unit can be repeated on an output unit.
The assignment between input (field) and output (Safe Area/Non Hazardous Locations)
devices is managed by the software of the D2050M and corresponding internal settings.
The relay output is of the changeover type allowing the use of normally close or
normally open contacts.
• Output Repeater for D2030M Digital Multiplexer.
• SPDT Relay Output Signals.
• High density, 32 channels per unit, 128 channels per system.
• EMC Compatibility to EN61000-6-2, EN61000-6-4.
• Simplified installation using standard DIN Rail mounting units.
0.2
0.1
V (V)
I (A)
10
20
30
40
50
100
200
300
0.3 0.5
1
2
5
Resistive
Load
www.gmintsrl.com


Similar Part No. - D2052M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D205 ETC1-D205 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D205 MPD-D205 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
American Electronic Com...
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
logo
G.M. International
D2050 GMI-D2050 Datasheet
252Kb / 2P
Gateway - Power Supply Unit for Multiplexer D2000M Series DIN-Rail Model D2050M
D2050M GMI-D2050M Datasheet
252Kb / 2P
Gateway - Power Supply Unit for Multiplexer D2000M Series DIN-Rail Model D2050M
More results

Similar Description - D2052M

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1012 GMI-D1012 Datasheet
251Kb / 2P
Quadruple Repeater Power Supply DIN-Rail Model D1012Q
D1030 GMI-D1030 Datasheet
297Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D
D1032 GMI-D1032 Datasheet
304Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1032D, D1032Q
D1035 GMI-D1035 Datasheet
278Kb / 2P
Frequency-Pulse Isolating Repeater DIN-Rail Model D1035S
D1060 GMI-D1060 Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1061 GMI-D1061 Datasheet
506Kb / 4P
RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S
D1063 GMI-D1063 Datasheet
350Kb / 2P
Load Cell/Strain Gauge Bridge Isolating Repeater DIN-Rail Model D1063S
D1130 GMI-D1130 Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
D1180 GMI-D1180 Datasheet
269Kb / 2P
Flammable Liquid Presence Detector Interface Relay Output DIN-Rail Model D1180D
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com