Electronic Components Datasheet Search
  English  ▼

X  

AD8214 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8214
Description  High Voltage Threshold Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214 Datasheet(HTML) 1 Page - Analog Devices

  AD8214 Datasheet HTML 1Page - Analog Devices AD8214 Datasheet HTML 2Page - Analog Devices AD8214 Datasheet HTML 3Page - Analog Devices AD8214 Datasheet HTML 4Page - Analog Devices AD8214 Datasheet HTML 5Page - Analog Devices AD8214 Datasheet HTML 6Page - Analog Devices AD8214 Datasheet HTML 7Page - Analog Devices AD8214 Datasheet HTML 8Page - Analog Devices AD8214 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Voltage
Threshold Detector
AD8214
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Input-to-output response: <100 ns
High input common-mode voltage range
Operating: 5 V to 65 V
Survival: 0 V to 68 V
Current output
Hysteresis: 10 mV
Integrated 2.4 V regulator
Wide operating temperature range: –40°C to +125°C
8-lead MSOP package
APPLICATIONS
Overcurrent protection
Motor controls
Transmission controls
Diesel injection controls
DC-to-DC converters
Power supplies
Batteries
FUNCTIONAL BLOCK DIAGRAM
2.4V
REGULATOR
1
3
6
5
8
2
VS
+IN
–IN
OUT
VREG
GND
Figure 1.
GENERAL DESCRIPTION
The AD8214 is a fast, high common-mode voltage threshold
detector, which operates with a single supply of 5 V to 65 V.
Internally the AD8214 features a fast comparator that is
optimized for high side operation. It also includes a stable
2.4 V series regulator, which is referenced with respect to the
supply voltage. The purpose of the regulator is to provide
power to the internal electronics, and set an input comparison
threshold below the supply voltage. The inputs of the AD8214
may be operated at, slightly above, or below the power supply.
The differential voltage range between the inputs of the
AD8214 is 500 mV.
The device features a current output. This current is <100 nA
when –IN > +IN and 1 mA when +IN > –IN. The input
voltages are referenced to the supply voltage, as is the
internal 2.4 V regulator. The input-to-output response time
is typically <100 ns.
As the output switches from low to high, a small hysteresis
(10 mV) is activated to minimize the effects of noise in the
system, and prevent any false state conditions.
The AD8214 is available in an 8-lead MSOP package. The
operating temperature range is –40°C to +125°C, making it
ideal for industrial, consumer, and automotive applications.


Similar Part No. - AD8214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8214 AD-AD8214 Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214ARMZ AD-AD8214ARMZ Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214ARMZ-R7 AD-AD8214ARMZ-R7 Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214ARMZ-RL AD-AD8214ARMZ-RL Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214WYRMZ AD-AD8214WYRMZ Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
More results

Similar Description - AD8214

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
Threshold Detector
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
THRESHOLD DETECTOR
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com