Electronic Components Datasheet Search
  English  ▼

X  

ADP1720 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1720
Description  50mA High-Voltage Micro-power LDO in MSOP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720 Datasheet(HTML) 2 Page - Analog Devices

  ADP1720 Datasheet HTML 1Page - Analog Devices ADP1720 Datasheet HTML 2Page - Analog Devices ADP1720 Datasheet HTML 3Page - Analog Devices ADP1720 Datasheet HTML 4Page - Analog Devices ADP1720 Datasheet HTML 5Page - Analog Devices ADP1720 Datasheet HTML 6Page - Analog Devices ADP1720 Datasheet HTML 7Page - Analog Devices ADP1720 Datasheet HTML 8Page - Analog Devices ADP1720 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY TECHNICAL DATA
ADP1720
Rev. PrA | Page 2 of 9
ADP1720 TARGET SPECIFICATIONS
Table 1. Electrical Characteristics
VIN=12V, TA = 25°C, BOLD values indicate spec applies over TJ=-40°C to 125°C, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
4
28
V
GND Pin Current
IOUT = 0mA
25
50
µ
A
IOUT = 1mA
100
180
µ
A
IOUT = 10mA
400
700
µ
A
IOUT = 50mA
1800
3300
µ
A
Output Voltage Accuracy
IOUT=100µA
-1
+1
%
4V ≤VIN≤ 28V, IOUT = 100µA to 50mA
-2
+2
%
4V ≤VIN≤ 28V, IOUT = 100µA to 50mA
-3
+3
%
ADJ Pin Voltage
IOUT=100µA
1.188
1.2
1.212
VADJ=VOUT, 4V ≤ VIN ≤ 28V
IOUT = 100µA to 50mA
1.176
1.224
VADJ=VOUT, 4V ≤ VIN ≤ 28V
IOUT = 100µA to 50mA
1.164
1.136
ADJ Inupt Bias Current
VADJ=VOUT
30
100
nA
Line Regulation
VIN = 4V to 28V, IOUT = 1mA
±0.15
%/V
Load Regulation
1mA < IOUT < 50mA
0.01
%/V
Ripple Rejection
F=120Hz, ILOAD=50mA
65
75
dB
Dropout Voltage
1
IOUT = 1mA, VIN = 4V
100
190
mV
IOUT = 10mA, VIN = 4V
200
350
IOUT = 50mA, VIN = 4V
300
550
Current Limit Threshold
VOUT = 90% of nominal setpoint
60
85
120
mA
Thermal Shutdown
Temperature
TJ rising, Hysteresis = 15
°C
150
°C
Shutdown Supply Current
EN = GND
3
5
µA
EN Input Logic High
4V ≤ VIN ≤ 28V
1.5
V
EN Input Logic Low
4V ≤ VIN ≤ 28V
0.4
V
EN Input Leakage Current
EN = IN or GND
-1
0
+1
µA
1 Dropout voltage is defined as the input to output voltage differential when the input voltage is set to the nominal output voltage. Also Dropout
voltage does not apply to fixed output voltage options below 4V.
2All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC). Typical values are at T
A = 25°C.
Specifications subject to change without notice.
3Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, for a 1.0V
output voltage, the current limit is defined as the current that causes the output voltage to drop to 90% of 1V, or 0.9V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com