Electronic Components Datasheet Search
  English  ▼

X  

CS200 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # CS200
Description  65nm CMOS Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS200 Datasheet(HTML) 2 Page - fujitsu semiconductor

  CS200 Datasheet HTML 1Page - fujitsu semiconductor CS200 Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2005 Fujitsu Microelectronics America, Inc.
All company and product names are trademarks or
registered trademarks of their respective owners.
Printed in the U.S.A. WFS-FS-21139-9/2005
FUJITSU MICROELECTRONICS AMERICA, INC.
Corporate Headquarters
1250 E. Arques Ave. Sunnyvale, CA 94088-3470
Tel: (800) 866-8608 Fax: (408) 737-5999
E-mail: inquiry@fma.fujitsu.com Web Site: http://us.fujitsu.com/micro
65nm CMOS Technology, CS200 / CS200A
Technology Lineup
Fujitsu's foundry services offer an extensive IP
lineup, including CPU cores, image cores,
encryption, interface controllers and high-speed I/O,
all prepared for 65nm ASIC.
Fujitsu provides a one-stop, turnkey packaging
service, which includes package design, simulation,
assembly and testing. Packaging options include
standard BGA and Flip-Chip BGA (FC-BGA).
Fujitsu is the acknowledged global leader in
advanced packaging technology, innovation, patents
and manufacturing techniques.
IP Portfolio
Fujitsu provides two series of technology: CS200 for
high-end use such as high-performance server CPU
chips, and CS200A for low-power or mobile use.
The CS200A technology, in particular, provides a
great variety of transistors from low-leakage (LL)
for cellular phones to ultra-high-speed (UHS) for
servers or network devices. Customer can mix the
transistors in a chip to meet their needs.
The 65nm family consists of the low-power
CS200A and the high-performance CS200, giving
customers the flexibility to choose the appropriate
technology to differentiate their products. The HVt
(high Vth transistor) of the CS200 achieves higher
performance. The I/O ranges from 1.8V to 3.3V. For
the CS200A, 1.8 (2.5 or 3.3V) I/O-transistors can be
embedded in a chip. The SRAM memory cell size is
less than 0.6µm2.
SPICE simulations for some benchmarking circuits
show that the new product is 20 to 30% faster than
the previous version. The great performance
improvement is a result of Fujitsu's advanced tech-
nology, which was developed for the company's
high-performance servers. The chip size of the
CS200 is only 60% the size of CS100, when making
the same spec LSI, which is 4M gate logic and 2M
gate macro. (SRAM: 0.5Mbit, PLL, etc.)
CS200 Circuit Delay Performance (ps per gate)
CS200
CS100
Delay reduction
Inverter
5.7
7.0
77%
2-input NAND
8.7
11.4
69%
2-input NAND + 200-grid interconnect load
23.1
30.8
67%
CS200A: Wide Speed Range + Low Power Consumption
Speed
High End Server
STD-Tr
LL-Tr
Server/
Network
Digital Consumer
Cellular Phone
STD-Tr
HS-Tr
HV-Tr
Low Power
Lineup
CS200A
High
Performance
Lineup CS200
Mobile
Computing
UHS-Tr
Fast
UHS:Ultra high speed, HS:High speed
STD:Standard, LL:Low leakage
HS-Tr
CS200A: Wide Speed Range + Low Power Consumption
Speed
High End Server
STD-Tr
LL-Tr
Server/
Network
Digital Consumer
Cellular Phone
STD-Tr
HS-Tr
HV-Tr
Low Power
Lineup
CS200A
High
Performance
Lineup CS200
Mobile
Computing
UHS-Tr
Fast
UHS:Ultra high speed, HS:High speed
STD:Standard, LL:Low leakage
HS-Tr
Technology families
CS200A
CS200
Core
I/O
Standard
Vdd
UHS
HS
STD
LL
HVt
1.8V
2.5V
3.3V
3.3V LVt
6T Symmetry
1.2V
1.0V
x
xx
xx
x
x
xx
xx
x
x
0.535
µm2
0.595
µm2
SRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com