Electronic Components Datasheet Search
  English  ▼

X  

X68C Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # X68C
Description  10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

X68C Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button X68C Datasheet HTML 6Page - National Semiconductor (TI) X68C Datasheet HTML 7Page - National Semiconductor (TI) X68C Datasheet HTML 8Page - National Semiconductor (TI) X68C Datasheet HTML 9Page - National Semiconductor (TI) X68C Datasheet HTML 10Page - National Semiconductor (TI) X68C Datasheet HTML 11Page - National Semiconductor (TI) X68C Datasheet HTML 12Page - National Semiconductor (TI) X68C Datasheet HTML 13Page - National Semiconductor (TI) X68C Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Performance Characteristics V
REF =VA,fSCLK = 30 MHz, TA = 25C, Input Code Range 12 to
1011, unless otherwise stated (Continued)
INL/DNL vs f
SCLK at VA = 2.7V
INL/DNL vs V
A
20195350
20195322
INL/DNL vs Clock Duty Cycle at V
A = 3.0V
INL/DNL vs Clock Duty Cycle at V
A = 5.0V
20195324
20195325
INL/DNL vs Temperature at V
A = 3.0V
INL/DNL vs Temperature at V
A = 5.0V
20195326
20195327
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com