Electronic Components Datasheet Search
  English  ▼

X  

HM13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM13
Description  High Inductance High Frequency Toroidal Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HM13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM13 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM13 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM13 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6
6-55
Model HM13 Series
MODEL HM13 SERIES
High Inductance
High Frequency
Toroidal Inductors
ELECTRICAL / ENVIRONMENTAL
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-25°C to +105°C
Insulation System
Class B, 130°C
APPLICATIONS
• Switching power supply
• Motor control circuit
• Differential EMI Filter
• Output ripple current filter
• High performance, low loss powder iron cores for excellent energy storage characteristics at 300 kHz and high ET
• Cost effective design
• Industry standard header
• Custom designs available
FEATURES
SCHEMATIC (FIGURE 1 & 2)
(1)
(2)
Specifications subject to change without notice.


Similar Part No. - HM13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM13 TTELEC-HM13 Datasheet
446Kb / 2P
High Inductance High Frequency Toroidal Inductors
HM13-05001LF TTELEC-HM13-05001LF Datasheet
446Kb / 2P
High Inductance High Frequency Toroidal Inductors
HM13-05002LF TTELEC-HM13-05002LF Datasheet
446Kb / 2P
High Inductance High Frequency Toroidal Inductors
HM13-05003LF TTELEC-HM13-05003LF Datasheet
446Kb / 2P
High Inductance High Frequency Toroidal Inductors
HM13-10001LF TTELEC-HM13-10001LF Datasheet
446Kb / 2P
High Inductance High Frequency Toroidal Inductors
More results

Similar Description - HM13

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4548 FILTRAN-CTP4548 Datasheet
59Kb / 1P
Toroidal Inductors High Current
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
Toroidal Inductors High Current
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
Toroidal Inductors High Current
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
Toroidal Inductors High Current
logo
Bi technologies
HM54 BITECH-HM54 Datasheet
1Mb / 3P
High Current Toroidal Inductors
logo
Datatronic Distribution...
PT12310 DATATRONICS-PT12310 Datasheet
74Kb / 1P
High Current Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-51508NL PULSE-PE-51508NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
High Current Toroidal Inductors
logo
TT Electronics.
HM54 TTELEC-HM54 Datasheet
779Kb / 3P
High Current Toroidal Inductors
HM13 TTELEC-HM13 Datasheet
446Kb / 2P
High Inductance High Frequency Toroidal Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com