Electronic Components Datasheet Search
  English  ▼

X  

DPXNA Datasheet(PDF) 14 Page - ITT Industries

Part # DPXNA
Description  Rack and Panel Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPXNA Datasheet(HTML) 14 Page - ITT Industries

Back Button DPXNA Datasheet HTML 8Page - ITT Industries DPXNA Datasheet HTML 9Page - ITT Industries DPXNA Datasheet HTML 10Page - ITT Industries DPXNA Datasheet HTML 11Page - ITT Industries DPXNA Datasheet HTML 12Page - ITT Industries DPXNA Datasheet HTML 13Page - ITT Industries DPXNA Datasheet HTML 14Page - ITT Industries DPXNA Datasheet HTML 15Page - ITT Industries DPXNA Datasheet HTML 16Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MIL-C-81659 Rack and Panel Connectors
DPXNA/DPXNE
Coaxial Cable Reference Guide
For BKA*, DPX Series (Crimp, & Solder)
Reference MIL-C-17D & DPX NE/NA MIL-C-81659 Series
7
RG/U
Type
9
55
58
59
59B
62
62A
71
115
142
142B
174
178
179
179B
180
180B
187
188
195
196
214
223
225
316
393
400
402
0.0359"
Inner
Conductor
0.0855"
0.0320"
0.0320" BC
0.0253"
0.0230'
0.0253"
0.0253"
0.0253"
0.0840"
0.0359"
0.0390"
0.0189"
0.0120"
0.0120"
0.0120"
0.0120"
0.0120"
0.0120"
0.0201"
0.0888"
0.035"
0.0936'
0.0201"
0.0936"
0.0385"
0.0360'
Air-space
PE
Dielectric
Material
PE
PE
PE
PE
PE
Air-space
PE
Air-space
PE
Air-space
PE
PTFE
PTFE
PTFE
PE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PE
pE
PTFE
PTFE
PTFE
PTFE
PTFE
0.250
DOD
(Inch)
0.280
0.116
0.116
0.146
0.146
0.146
0.146
0.146
0.250
0.116
0.116
0.060
0.036
0.057
0.063
0.103
0.102
0.060
0.060
0.102
0.034
0.285
0.116
0.285
0.060
0.285
0.116
0.119
PVC
Jacket
Material
PVC
PE
PVC
PVC
PVC
PVC
PVC
PVC
FG Braid
FG Braid
FEP
PVC
KEL-F
KEL-F
FEP
KEL-F
FEP
PTFE
PTFE
PTFE
PTFE
PVC
PVC
FG Braid
FEP
FEP
FEP
None
0.370
O.D
(Inch)
0.420
0.206
MAX
0.195
0.242
0.242
0.242
0.242
0.250
Max.
0.375
0.206
Max
0.195
0.100
0.079
Max
0.094
Max
0.100
0.141
Max.
0.145
Max
0.110
Max.
0.110
Max.
0.155
Max.
0.080
Max.
0.425
0.216
Max.
0.430
0.102
0.390
0.195
0.141
0.080
Weight
(lbs/ft)
0.140
0.032
0.029
0.032
0.032
0.038
0.038
0.046
0.148
0.047
0.050
0.008
0.0054
0.010
0.010
0.019
0.019
0.010
0.011
0.020
0.006
0.126
0.034
0.180
0.012
0.165
0.050
0.032
- 40 + 80
Max.Oper.
Temp.Range
( C)
- 40 + 80
- 55 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 55 + 250
- 55 + 250
- 55 + 200
- 40 + 80
- 40 + 150
- 55 + 150
- 55 + 200
- 40 + 150
- 55 + 200
- 55 + 250
- 55 + 250
- 55 + 250
- 55 + 250
- 40 + 80
- 40 + 80
- 55 + 250
- 55 + 200
- 55 + 200
- 55 + 200
- 55 + 200
1,000
Max. Oper.
Voltage
(Volts
RMS)
4,000
1,900
1,900
2,300
2,300
750
750
750
5,000
1,900
1,900
1,500
1,000
1,200
1,200
1,500
1,500
1,200
1,200
1,500
1,000
5,000
1,900
5,000
1,200
5,000
1,900
2,500
Use RG63B
Suggested
Alt Cable
Use RG214
Use RG55B
Use RG58B
Use RG59B
Use up to
1000 MHz
Use RG62A
-
Use RG71B
Use RG115A
Use RG142A
-
-
Use RG178B
Use RG179B
-
Use RG180B
-
Use RG179B
Use RG316
Use RG180B
Use RG178B
-
-
-
Use RG188A
Use RG225
-
Use RG142B
-
Code
Crimp
Type
Coax
-
S
D,P,G
J,AC,AD
A,F,T
-
A,F,T
-
-
V
S,AE
-
D,H,U
AF
E,R,K,AG,
L,M,AF
D,H,U
AF
-
C,AB
AB
D,H,U
AF
D,H,U,
AF
C,AB
E,R,K,
L,AA,AG
-
-
-
-
-
-
-
I
Code
Solder
Type
Coax
R,AC
C,J
C,J,Z,
AB
D
-
E
-
E
-
-
-
-
-
-
-
B
-
A,K
A,K
B
AA
R,AC
C,J
-
-
-
-
-
-
DPX
NE/NA
Military
-
-
Size 5/9
Seal 1
-
-
-
-
-
-
Size 5/9
Seal 1
-
Size 5/9
Seal 2
Size 5/9
Seal 1
Size 5/9
Seal 1
Seal 2
-
Size 5/9
Seal 1
-
-
-
-
Size 5/9
Seal 1
-
-
Size 5/9
Seal 2
Size 5/9
Seal 2
-
-
-
www.ittcannon.com
38
Dimensions are shown in inches (millimeters).
Dimensions subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com