Electronic Components Datasheet Search
  English  ▼

X  

HTV546 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HTV546
Description  5V HCMOS TCXO Stratum 3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HTV546 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HTV546 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5V HCMOS TCXO Stratum 3
HTF546 & HTV546
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
06 Mar 2000
PIN
1
7
8
14
CONNECTION
Not connected or
Freq adjustment
Ground
Output
Supply
8.40
(max)
6.00
(min)
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.80
(max)
13.20
(max)
Features
➠ Stratum 3 compliant
➠ HCMOS output
➠ Excellent frequency stability
➠ Wide temperature range
➠ Low cost for volume production
Product name + frequency
eg: HTF546 19.440MHz
HTV546 44.7360MHz
Option code X (eg HTV546/X) denotes a custom specification.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Option
Codes
HTF546
HTV546
Product
Parameters
Scale 1:1
Frequencies in MHz
Standard Frequencies
Other frequencies available. Please consult our sales office.
Specifications
1.5440
2.0480
6.1440
6.1760
6.4000
8.1920
12.2880
13.0000
14.3360
15.3600
16.3840
19.4400
20.4800
29.4912
32.7680
34.3680
38.8800
44.2360
44.7360
49.1520
51.8400
Frequency range:
110kHz ~ 52.0MHz
Frequency stability:
±4.6ppm
(inclusive of calibration tolerance
temperature, voltage, load, 10years
ageing, shock & vibration)
Temperature range:
0 to +70°C
Other
specify
Storage temperature range:
-40 to +85°C
Supply voltage (V
DD): +5.0V (±5%)
Supply current:
35mA max
Driving ability:
15pF HCMOS
Logic levels:
‘0’ level = 0.4V max
‘1’ level = 90%V
DD min
Output current:
‘0’ level = 4.0mA
‘1’ level = -4.0mA
Waveform symmetry:
40:60 max at 2.5V
Rise / fall time:
6ns max
Frequency adjustment:
None
±10ppm min, +2.5 ±2V
10k
input impedance
±15% linearity


Similar Part No. - HTV546

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTV546A CONNOR-WINFIELD-HTV546A Datasheet
219Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV546A-77.76M CONNOR-WINFIELD-HTV546A-77.76M Datasheet
219Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV546AG CONNOR-WINFIELD-HTV546AG Datasheet
225Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP CRYSTAL OSCILLATOR
HTV546AG-100M CONNOR-WINFIELD-HTV546AG-100M Datasheet
225Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP CRYSTAL OSCILLATOR
More results

Similar Description - HTV546

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
Stratum 3 TCXO/TCVCXO
logo
List of Unclassifed Man...
E2747 ETC2-E2747 Datasheet
45Kb / 2P
STRATUM 3 TCXO
logo
Connor-Winfield Corpora...
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
T501 CONNOR-WINFIELD-T501 Datasheet
65Kb / 2P
3.3V Surface Mount 5x7mm Stratum 3 HCMOS TCXO T501
logo
Golledge Electronics Lt...
HTFH GOLLEDGE-HTFH Datasheet
160Kb / 1P
5V CMOS TCXO Stratum 3
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 CMOS TCXO
logo
Suntsu Electronics, Inc...
STX478 SUNTSU-STX478 Datasheet
540Kb / 3P
Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX479 SUNTSU-STX479 Datasheet
551Kb / 3P
Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com