Electronic Components Datasheet Search
  English  ▼

X  

BFS17A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFS17A
Description  NPN 3 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS17A Datasheet(HTML) 5 Page - NXP Semiconductors

  BFS17A Datasheet HTML 1Page - NXP Semiconductors BFS17A Datasheet HTML 2Page - NXP Semiconductors BFS17A Datasheet HTML 3Page - NXP Semiconductors BFS17A Datasheet HTML 4Page - NXP Semiconductors BFS17A Datasheet HTML 5Page - NXP Semiconductors BFS17A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
September1995
5
Philips Semiconductors
Product specification
NPN 3 GHz wideband transistor
BFS17A
Fig.5
Transition frequency as a function of
collector current.
VCE = 5 V; f = 500 MHz; Tamb =25 °C.
handbook, halfpage
MEA904
0
0
1
2
3
4
20
40
IC (mA)
fT
(GHz)
Fig.6
Minimum noise figure as a function of
collector current.
VCE = 5 V; Zs =60 Ω; f = 800 MHz; Tamb =25 °C.
handbook, halfpage
MEA902
0
5
0
1
2
3
4
10
20
F
(dB)
IC (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com