Electronic Components Datasheet Search
  English  ▼

X  

BFS25A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFS25A
Description  NPN 5 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS25A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFS25A Datasheet HTML 2Page - NXP Semiconductors BFS25A Datasheet HTML 3Page - NXP Semiconductors BFS25A Datasheet HTML 4Page - NXP Semiconductors BFS25A Datasheet HTML 5Page - NXP Semiconductors BFS25A Datasheet HTML 6Page - NXP Semiconductors BFS25A Datasheet HTML 7Page - NXP Semiconductors BFS25A Datasheet HTML 8Page - NXP Semiconductors BFS25A Datasheet HTML 9Page - NXP Semiconductors BFS25A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
December 1997
6
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFS25A
Fig.10 Minimum noise figure as a function of
collector current.
VCE = 1 V; Tamb =25 °C.
handbook, halfpage
4
2
1
0
3
MCD145
10−1
110
F
(dB)
IC (mA)
f = 2 GHz
1 GHz
500 MHz
Fig.11 Minimum noise figure as a function of
frequency.
VCE = 1 V; Tamb =25 °C.
handbook, halfpage
4
2
1
0
3
MCD146
102
104
103
F
(dB)
f (MHz)
IC = 2 mA
1 mA
0.5 mA
Fig.12 Noise circle.
IC = 1 mA; VCE = 1 V;
f = 500 MHz; Zo =50 Ω.
handbook, full pagewidth
MRC075
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
stability
circle
pot. unst.
region
F = 6 dB
1
F = 4 dB
10 dB
12 dB
F = 2.5 dB
MSG = 13.9 dB
ΓOPT
Fmin = 1.9 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com