Electronic Components Datasheet Search
  English  ▼

X  

D5049 Datasheet(PDF) 1 Page - G.M. International

Part # D5049
Description  I.S. SIL3 Bus-Powered Digital Output Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D5049 Datasheet(HTML) 1 Page - G.M. International

  D5049 Datasheet HTML 1Page - G.M. International D5049 Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gminternational.com
D5049
I.S. SIL3 Bus-Powered Digital Output Driver
Intrinsically Safe Isolators > Digital Output
ORDERING INFORMATION
Ordering codes
D5049S: 1 channel
Accessories
Bus Connector JDFT049, Bus Mounting Kit OPT5096.
TECHNICAL DATA
SIL 3 / SC 3
Output to Zone 0/Div. 1
Installation in Zone 2/Div. 2
Bus powered for NE loads
Line & Load short/open circuit detection
Output short circuit proof
In-field programmability by DIP Switch
Three port isolation, Input/Output/Supply
The Bus-Powered Digital Output Driver D5049 is a module suitable
for applications requiring SIL 3 level in safety related systems for
high risk industries. It can drive solenoid valves, visual or audible
alarms to alert a plant operator, or other process control devices in
Hazardous Area from control signals located in Safe Area. They can
also be used as switchable supplies to power measuring or process
control equipments. Line and load open/short circuit detection is
provided, both when the load is and when the load is off: the fault in
the field is directly mirrored to the PLC DO and it is also reported by
opening the fault output. If required, the override input can switch off
the output regardless of the input status. For each channel three
basic output circuits are selectable, with different safety parameters,
to interface the majority of devices on the market.
FEATURES
Supply
24 Vdc nom (20 to 30 Vdc), reverse polarity protected.
Current consumption: 65 mA @ 24 Vdc with 45 mA output, typical.
Power dissipation: 1.1 W @ 24 Vdc with 45 mA output, typical.
Input
Switch contact, logic level reverse polarity protected.
Voltage range: 0 V ≤ OFF ≤ 5 V, 20 V ≤ ON ≤ 30 V.
Current consumption: 15 mA @ 24 Vdc, typical.
Override input
Override control signal de-energizes output when enabled by dip-switch.
Voltage range: 0 V ≤ OFF ≤ 5 V, 20 V ≤ ON ≤ 30 V, reverse polarity
protected.
Current consumption: 15 mA @ 24 Vdc, typical.
Output
45 mA @ 13.0 V (21.0 V no load, 174 Ω series resistance) at terminals 7-
10 Out A. 45 mA @ 10.2 V (21.0 V no load, 236 Ω series resistance) at
terminals 8-10 Out B. 45 mA @ 8.5 V (21.0 V no load, 275 Ω series
resistance) at terminals 9-10 Out C.
Short circuit current: ≥ 50 mA, 55 mA typical.
Output diagram: refer to Instruction Manual.
Fault
Field device and wiring open circuit or short circuit detection dip-switch
selectable. When fault is detected output is de-energized until normal
condition is restored.
Short output: load resistance ≤ 50 Ω (≈ 2 mA forcing to detect fault).
Open output: load resistance > 10 kΩ.
Fault signalling: voltage free NE SPST optocoupled open-collector
transistor (output de-energized in fault condition).
Open-collector/drain rating: 100 mA @ 35 Vdc (≤ 1.5 V voltage drop).
Isolation
I.S. Out/In 2.5 kV; I.S. Out/Supply 2.5 kV; I.S. Out/Fault-Override 2.5 kV;
In/Supply 500 V; In/Fault-Override 500 V; Supply/Fault-Override 500V.
Environmental conditions
Operating temperature: temperature limits –40 to +70 °C.
Storage temperature: temperature limits –45 to +80 °C.
Safety description
Associated apparatus and non-sparking electrical equipment.
Uo = 24.8 V, Io = 147 mA, Po = 907 mW at terminals 7-10 Out A.
Uo = 24.8 V, Io = 108 mA, Po = 667 mW at terminals 8-10 Out B.
Uo = 24.8 V, Io = 93 mA, Po = 571 mW at terminals 9-10 Out C.
Um = 250 Vrms or Vdc, -40 °C ≤ Ta ≤ 70 °C.
Mounting
DIN-Rail 35 mm, with or without Power Bus or on custom Term. Board.
Weight: about 135 g.
Connection: by polarized plug-in disconnect screw terminal blocks to
accommodate terminations up to 2.5 mm² (13 AWG).
Dimensions: Width 12.5 mm, Depth 123 mm, Height 120 mm.
OVERALL DIMENSIONS
Functional Safety Management Certification:
GM International is certified to conform to IEC61508:2010 part 1 clauses 5-6 for safety related systems up to and included SIL3. In addition, GM International products have been granted I.S.
certificates from the most credited Notified Bodies in the world.
Data specified in this document are merely descriptive of the products and should be integrated with relevant technical specifications. Our products are in constant development and the information
presented herein refers to the time of document issue. No statements concerning a certain condition or suitability for a certain application can be derived from our information. The information given does not
release the user from the obligation of own judgment and verification. Terms & Conditions can be found at our website. For more information refer to istruction manual.
DTS0287-15
© G.M. International s.r.l.
Page 1/2


Similar Part No. - D5049

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
D5040 HIGHLY-D5040 Datasheet
1Mb / 4P
D COMPACT ENCLOSED SWITCH
logo
G.M. International
D5048 GMI-D5048 Datasheet
147Kb / 2P
I.S. SIL3 Loop-Powered Digital Output Driver
D5048S GMI-D5048S Datasheet
147Kb / 2P
I.S. SIL3 Loop-Powered Digital Output Driver
More results

Similar Description - D5049

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5011 GMI-D5011 Datasheet
278Kb / 1P
I.S. SIL3 2-Wire HART짰 Transmitter Power Supply
D1049 GMI-D1049 Datasheet
258Kb / 2P
SIL 3 Digital Output Driver, NE Loads Bus Powered, DIN-Rail Model D1049S
D5030 GMI-D5030 Datasheet
193Kb / 2P
I.S. SIL3 Switch/Proximity Relay-Out Repeater
D5031 GMI-D5031 Datasheet
198Kb / 2P
I.S. SIL3 Switch/Proximity Transistor-Out Repeater
D5032 GMI-D5032 Datasheet
186Kb / 2P
I.S. SIL3 Switch/Proximity Relay-Out Repeater
D5034 GMI-D5034 Datasheet
174Kb / 2P
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5048 GMI-D5048 Datasheet
147Kb / 2P
I.S. SIL3 Loop-Powered Digital Output Driver
D5240 GMI-D5240 Datasheet
159Kb / 2P
I.S. SIL2 Bus-Powered Digital Output Driver
D5244 GMI-D5244 Datasheet
142Kb / 2P
I.S. SIL2/3 Loop-Powered Digital Relay Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com