Electronic Components Datasheet Search
  English  ▼

X  

D5091 Datasheet(PDF) 1 Page - G.M. International

Part # D5091
Description  SIL3 Relay Out Module for 5 A ND Loads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D5091 Datasheet(HTML) 1 Page - G.M. International

  D5091 Datasheet HTML 1Page - G.M. International D5091 Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gminternational.com
D5091
SIL3 Relay Out Module for 5 A ND Loads
Safety Relays
ORDERING INFORMATION
Ordering codes
D5091S: 1 channel
Accessories
DIN-Rail stopper MCHP196.
TECHNICAL DATA
SIL 3 / SC 3 for ND/F&G loads with ND/NE driver
Installation in Zone 2/Div. 2
Up to 5 A functional / 6 A inrush current
Compatible with DCS/PLC pulse testing
Service contact available
Input/Output isolation
The D5091 is a relay module suitable for switching safety related
circuits, up to SIL 3 level, for high risk industries. It provides isolation
between input and output contacts. It makes available a NO and a
NC contact for Normally De-energized (ND) loads, with either
Normally De-energized or Normally Energized coil, and a contact for
service purpose. A wide compatibility towards different DCS/PLC is
guaranteed: driving pulse testing is permitted by a dedicated internal
circuit, which prevents contact and LED flickering.
FEATURES
Input
24 Vdc nom (21.6 to 27.6 Vdc), reverse polarity protected. Relay coils are
internally protected with suppressor diodes.
Current consumption: 45 mA @ 24 Vdc, typical.
Power dissipation: 1.1 W @ 24 Vdc, typical.
Output
Voltage free SPDT relay contact. Terminals 7-8, open when relay de-
energized, close in energized condition. Terminals 9-10, close when relay
de-energized, open in energized condition.
Contact material: Ag Alloy (Cd free), gold plated.
Contact rating: 5 A 250 Vac 1250 VA, 5 A 250 Vdc 140 W (resistive load).
Contact min. switching current: 1 mA.
Contact inrush current: 6 A @ 24 Vdc, 250 Vac.
DC and AC load breaking capacity: refer to Instruction Manual.
Mechanical / electrical life: 5 * 10⁶ / 3 * 10⁴ operation, typical.
Operate / release time: 55 / 30 ms, typical.
Isolation
Input/Output 2.5 kV.
Environmental conditions
Operating temperature: temperature limits -40 to +70 °C.
Storage temperature: temperature limits -45 to +80 °C.
Mounting
DIN-Rail 35 mm, or on custom Term. Board.
Weight: about 125 g.
Connection: by polarized plug-in disconnect screw terminal blocks to
accommodate terminations up to 2.5 mm² (13 AWG).
Dimensions: Width 12.5 mm, Depth 123 mm, Height 120 mm.
OVERALL DIMENSIONS
Functional Safety Management Certification:
GM International is certified to conform to IEC61508:2010 part 1 clauses 5-6 for safety related systems up to and included SIL3. In addition, GM International products have been granted I.S.
certificates from the most credited Notified Bodies in the world.
Data specified in this document are merely descriptive of the products and should be integrated with relevant technical specifications. Our products are in constant development and the information
presented herein refers to the time of document issue. No statements concerning a certain condition or suitability for a certain application can be derived from our information. The information given does not
release the user from the obligation of own judgment and verification. Terms & Conditions can be found at our website. For more information refer to istruction manual.
DTS0327-14
© G.M. International s.r.l.
Page 1/2


Similar Part No. - D5091

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5090 GMI-D5090 Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5090S GMI-D5090S Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5093 GMI-D5093 Datasheet
147Kb / 2P
SIL3 24/220Vdc/Vac Transistor-Out Detector
D5093D GMI-D5093D Datasheet
147Kb / 2P
SIL3 24/220Vdc/Vac Transistor-Out Detector
D5093S GMI-D5093S Datasheet
147Kb / 2P
SIL3 24/220Vdc/Vac Transistor-Out Detector
More results

Similar Description - D5091

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5090 GMI-D5090 Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5094 GMI-D5094 Datasheet
130Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads
D5095 GMI-D5095 Datasheet
130Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads
D5096 GMI-D5096 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5097 GMI-D5097 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5098 GMI-D5098 Datasheet
158Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5291 GMI-D5291 Datasheet
148Kb / 2P
SIL3 Relay Out Module for 10 A ND Loads
D5293 GMI-D5293 Datasheet
151Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads with LFD
D5294 GMI-D5294 Datasheet
153Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5295 GMI-D5295 Datasheet
152Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com