Electronic Components Datasheet Search
  English  ▼

X  

38016 Datasheet(PDF) 1 Page - Belden Inc.

Part # 38016
Description  UL Type PV Wire, #16 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

38016 Datasheet(HTML) 1 Page - Belden Inc.

  38016 Datasheet HTML 1Page - Belden Inc. 38016 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 38016
UL Type PV Wire, #16 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
Product Description
UL Type PV Wire, 16AWG (26x30) Tinned Copper, XLPO Insulation, 600V PV 90C Dry/Wet SUN RES
Technical Specifications
Product Overview
Suitable Applications:
Interconnection wiring of grounded and ungrounded photovoltaic power systems as described in Section 690.31(A) of the 2008 NEC.
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
16
26x30
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness
XLP, XLPO, XLPE (Thermoset) 0.191 in
0.063 in
Table Notes:
Paper Tape Separator
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
3.7 Ohm/1000ft
Current
Element
Max. Recommended Current [A]
Single Conductor in Free Aair @ 30C Ambient 24 Amps Single Conductor in Free Air
Voltage
UL Voltage Rating
600 V
Temperature Range
UL Temp Rating:
90°C
Operating Temperature Range:
-40°C To +90°C
Mechanical Characteristics
Bulk Cable Weight:
22 lbs/1000ft
Max. Pull Tension:
34 lbs
Min. Bend Radius/Minor Axis:
1.875 in
Standards
UL AWM Style Compliance:
N/A


Similar Part No. - 38016

ManufacturerPart #DatasheetDescription
logo
Lumberg
3801 LUMBERG-3801 Datasheet
649Kb / 3P
Multimodul connectors, pitch 2.5 mm
logo
Adafruit Industries
3801 ADAFRUIT-3801 Datasheet
2Mb / 4P
TT Motor Bi-Metal Gearbox - 1:90 Gear Ratio
5-31-18
logo
Belden Inc.
38010 BELDEN-38010 Datasheet
150Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38010-0105000 BELDEN-38010-0105000 Datasheet
150Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
logo
Wiha Tools
380101 WIHA-380101 Datasheet
194Kb / 4P
Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection.
More results

Similar Description - 38016

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
38008 BELDEN-38008 Datasheet
150Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38010 BELDEN-38010 Datasheet
150Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38012 BELDEN-38012 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38014 BELDEN-38014 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38018 BELDEN-38018 Datasheet
150Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38108 BELDEN-38108 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38114 BELDEN-38114 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38116 BELDEN-38116 Datasheet
150Kb / 2P
UL Type PV Wire, #16 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38118 BELDEN-38118 Datasheet
150Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38216 BELDEN-38216 Datasheet
151Kb / 2P
UL Type PV Wire, #16 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com