Electronic Components Datasheet Search
  English  ▼

X  

38210 Datasheet(PDF) 1 Page - Belden Inc.

Part # 38210
Description  UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

38210 Datasheet(HTML) 1 Page - Belden Inc.

  38210 Datasheet HTML 1Page - Belden Inc. 38210 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 38210
UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
Product Description
UL Type PV Wire, 10AWG (105x30) Tinned Copper, XLPO Insulation, PVC Outer Jacket, 600V PV 90C Dry/Wet USE-2 RHW-2 SUN RES
Technical Specifications
Product Overview
Suitable Applications:
Interconnection wiring of grounded and ungrounded photovoltaic power systems as described in Section 690.31(A) of the 2008 NEC.
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
10
105x30
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Wall Thickness
XLP, XLPO, XLPE (Thermoset) 0.048 in
XLP, XLPO, XLPE (Thermoset)
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.288 in
0.033 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
0.91 Ohm/1000ft
Current
Element
Max. Recommended Current [A]
Single Conductor in Free Aair @ 30C Ambient 55 Amps Single Conductor in Free Air
Voltage
UL Voltage Rating
600 V
Temperature Range
UL Temp Rating:
90°C Wet/Dry
Operating Temperature Range:
-40°C To +90°C
Mechanical Characteristics
Bulk Cable Weight:
63 lbs/1000ft
Max. Pull Tension:
136.5 lbs
Min. Bend Radius/Minor Axis:
2.875 in


Similar Part No. - 38210

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382100 EXTECH-382100 Datasheet
325Kb / 1P
1200A 3-Phase Power Analyzer/Datalogger
382100 EXTECH-382100_15 Datasheet
325Kb / 1P
1200A 3-Phase Power Analyzer/Datalogger
logo
Lumberg
382102 LUMBERG-382102 Datasheet
118Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
382102 LUMBERG-382102 Datasheet
592Kb / 3P
Multimodul connectors, pitch 2.5 mm
382103 LUMBERG-382103 Datasheet
118Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
More results

Similar Description - 38210

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
38010 BELDEN-38010 Datasheet
150Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38208 BELDEN-38208 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38212 BELDEN-38212 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38214 BELDEN-38214 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38216 BELDEN-38216 Datasheet
151Kb / 2P
UL Type PV Wire, #16 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38218 BELDEN-38218 Datasheet
151Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38308 BELDEN-38308 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38310 BELDEN-38310 Datasheet
151Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38312 BELDEN-38312 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38318 BELDEN-38318 Datasheet
151Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com