Electronic Components Datasheet Search
  English  ▼

X  

BAV20 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAV20
Description  General purpose diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV20 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAV20 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1999 May 25
4
NXP Semiconductors
Product data sheet
General purpose diodes
BAV20; BAV21
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed circuit-board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 100 mA
−
1.0
V
IF = 200 mA
−
1.25
V
IR
reverse current
see Fig.5
VR = VRmax
−
100
nA
VR = VRmax; Tj = 150 °C
−
100
μA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
−
5
pF
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω; measured
at IR = 3 mA; see Fig.8
−
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 10 mm
240
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
375
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com