Electronic Components Datasheet Search
  English  ▼

X  

BAV23_SER Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAV23_SER
Description  Dual high-voltage switching diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV23_SER Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAV23_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV23_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 07 — 19 March 2010
4 of 13
Nexperia
BAV23 series
Dual high-voltage switching diodes
[1]
Single diode loaded.
[2]
Double diode loaded.
[3]
Tj =25 C prior to surge.
[4]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
Per device
Ptot
total power dissipation
Tamb  25 C
[4] -250
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
360
K/W
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 100 mA
--1.0
V
IF = 200 mA
--1.25
V
IR
reverse current
VR = 200 V
-
-
100
nA
VR =200 V; Tj = 150 C
-
-
100
A
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--2
pF
trr
reverse recovery time
[1] --50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com