Electronic Components Datasheet Search
  English  ▼

X  

BAV23C Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BAV23C
Description  Dual high-voltage switching diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV23C Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BAV23C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 10Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 07 — 19 March 2010
7 of 13
Nexperia
BAV23 series
Dual high-voltage switching diodes
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 7.
Package outline SOT23 (TO-236AB)
Fig 8.
Package outline SOT143B
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-16
Dimensions in mm
3.0
2.8
1.1
0.9
2.5
2.1
1.4
1.2
1.7
1.9
0.48
0.38
0.15
0.09
0.45
0.15
0.88
0.78
2
1
3
4
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BAV23A
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
BAV23C
BAV23S
BAV23
SOT143B
4 mm pitch, 8 mm tape and reel
-215
-235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com