Electronic Components Datasheet Search
  English  ▼

X  

BAW101 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAW101
Description  High voltage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAW101 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAW101 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAW101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2003 May 13
3
NXP Semiconductors
Product data sheet
High voltage double diode
BAW101
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed-circuit board, cathode-lead mounting pad = 1 cm2.
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1.
Pulse test: pulse width = 300
µs; δ = 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
300
V
series connection
−
600
V
VRRM
repetitive peak reverse voltage
−
300
V
series connection
−
600
V
IF
continuous forward current
single diode loaded; note 1; see Fig.2
−
250
mA
double diode loaded; note 1; see Fig.2
−
140
mA
IFRM
repetitive peak forward current
−
625
mA
IFSM
non-repetitive peak forward
current
square wave; Tj = 25 °C prior to surge;
t = 1
µs
−
4.5
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
−
350
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VBR(R)
reverse breakdown voltage
IR = 100 µA
300
−
V
VF
forward voltage
IF = 100 mA; note 1
−
1.1
V
IR
reverse current
VR = 250 V
−
150
nA
VR = 250 V; Tamb = 150 °C
−
50
µA
trr
reverse recovery time
when switched from IF = 30 mA to IR = 30 mA;
RL = 100 Ω; measured at IR = 3 mA
−
50
ns
Cd
diode capacitance
VR = 0 V; f = 1 MHz
−
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com