Electronic Components Datasheet Search
  English  ▼

X  

CP60301233H Datasheet(PDF) 1 Page - CUI Devices

Part # CP60301233H
Description  PELTIER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CP60301233H Datasheet(HTML) 1 Page - CUI Devices

  CP60301233H Datasheet HTML 1Page - CUI Devices CP60301233H Datasheet HTML 2Page - CUI Devices CP60301233H Datasheet HTML 3Page - CUI Devices CP60301233H Datasheet HTML 4Page - CUI Devices CP60301233H Datasheet HTML 5Page - CUI Devices CP60301233H Datasheet HTML 6Page - CUI Devices CP60301233H Datasheet HTML 7Page - CUI Devices CP60301233H Datasheet HTML 8Page - CUI Devices CP60301233H Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
date 08/05/2022
page 1 of 22
SERIES: CP60H | DESCRIPTION: PELTIER MODULE
cuidevices.com
FEATURES
• arcTEC™ structure on select models
• enhanced reliability for high thermal cycling
• superior thermal performance
• silicon sealed
• wide
ΔT max
• low profile
• precise temperature control
• solid state construction
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP60131H
3.8
6.0
0.45
13
14.3
70
77
CP60139H
2.1
6.0
0.30
7.4
8.2
70
77
CP60231H
8.8
6.0
1.05
29.7
32.7
70
77
CP60239H
3.8
6.0
0.55
13.6
14.9
70
77
CP602040395H6
7.6
6.0
1.09
27.5
30.2
70
77
CP60301233H
5.6
6.0
0.76
19.7
21.7
70
77
CP60301531H
7.6
6.0
0.93
26.3
28.9
70
77
CP60302031H
13.0
6.0
1.51
49.5
54.5
68
75
CP603315H6
15.7
6.0
1.90
53.1
59.1
70
77
CP60303956
11.8
6.0
1.65
41.5
45.6
70
77
CP603395H6
8.8
6.0
1.25
31.1
34.2
70
77
CP604020395H6
7.6
6.0
1.09
27.5
30.2
70
77
CP60433H6
19.5
6.0
2.54
67.6
74.3
68
75
CP604395H6
15.7
6.0
2.2
55.6
61.0
70
77
CP6040406
24.1
6.0
3.21
83.5
91.9
68
75
CP605462416
41.3
6.0
5.78
147
161
70
77
CP60553546
35.4
6.0
4.95
126
138
70
77
CP605555426
29.8
6.0
4.15
106
116
70
77
CP6040603956
23.6
6.0
3.3
80.2
88.2
70
77
Notes:
1. Maximum voltage at
ΔT max and T
h=27°C
2. Maximum current to achieve
ΔT max
3. Measured by AC 4-terminal method at 25°C
4. Maximum heat absorbed at cold side occurs at I
max, Vmax, and ∆T=0°C
5. Maximum temperature difference occurs at I
max, Vmax, and Q=0W (ΔT max measured in a vacuum at 1.3 Pa)
6. Designed with arcTEC™ structure.
Additional Resources: Product Page | 3D Model


Similar Part No. - CP60301233H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP60301233H CUI-CP60301233H Datasheet
2Mb / 22P
PELTIER MODULE
11/12/2020
logo
Same Sky Devices
CP60301233H SAMESKY-CP60301233H Datasheet
2Mb / 22P
PELTIER MODULE
09/12/2024
More results

Similar Description - CP60301233H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP60H CUI-CP60H Datasheet
946Kb / 10P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com