Electronic Components Datasheet Search
  English  ▼

X  

AMX-80 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # AMX-80
Description  Automotive bolt in fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

AMX-80 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  AMX-80 Datasheet HTML 1Page - Eaton All Rights Reserved. AMX-80 Datasheet HTML 2Page - Eaton All Rights Reserved. AMX-80 Datasheet HTML 3Page - Eaton All Rights Reserved. AMX-80 Datasheet HTML 4Page - Eaton All Rights Reserved. AMX-80 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data ELX1218
Effective August 2022
AMX/AMXL
Automotive bolt in fuse
www.eaton.com/electronics
General specifications
Item
Standard/Specification
Conditions
Acceptable value/range
Operating temperature
-40 °C to +105 °C with proper derating
Strength of terminals
JASO D622
ISO8820-8
M6: 5-5.5N∙m; M5: 3.5-4N∙m
Temperature rise
JASO D622
ISO8820-8
0.5 In, 40 min
not exceed 50 K,
electrical performance within
spec
Temperature humidity
cycling
JASO D622
ISO8820-8
a)
maintain the samples at standard conditions for 4 h;
b)
increase T to 55+/-2 °C at 95% to 99% RH within 0.5 h;
c)
maintain T at 55+/-2 °C at 95% to 99% RH for 10 h;
d)
decrease T to -40+/-2 °C within 2.5 h; the humidity is uncontrolled;
e)
maintain T at -40+/-2 °C for 2 h; the humidity is uncontrolled;
f)
increase T to 120+/-2 °C within 1.5 h from -40+/-2 °C; the humidity
is uncontrolled;
g)
maintain T at 120+/-2 °C for 2 h; the humidity is uncontrolled;
h)
allow to return to RT within 1.5 h; the humidity is uncontrolled;
10 cycles.
Resistance
change <10%
electrical performance within
spec
Thermal shock
JASO D622
ISO8820-8
(reference)
a)
-40+/-2 °C, 20 min;
b)
15 sec dwell time;
c)
125+/-2 °C, 20 min;
d)
15 sec dwell time;
48 cycles.
Resistance change <10%,
electrical performance within
spec
Vibration
UL248-20
IEC 60068-2-64
Random vibration. Condition C: rms 30.2 m/s2, 3 directions, 8 hrs each.
Resistance change <10%, elec-
trical performance within spec
Transient current cycling
JASO D622
ISO8820-8
(reference)
23+/-5 °C, each cycle current 2 In/0.25 sec, 0.5 In/5 sec, 50000 cycles.
Resistance change <10%,
electrical performance within
spec
Lubricant & fuel
oil resistance
GB/T31465.1-5.4
Wipe the marking with lubricant or oil 30 s
Marking can be identified
Breaking capacity
Follow the spec
IR > 0.1 Mohm, no explosion
Marking detail
Part number
Marking on body
AMX-80
BUSS cURus
AMX-80 125 Vdc
AMX-100
BUSS cURus
AMX-100 125 Vdc
AMX-150
BUSS cURus
AMX-150 125 Vdc
AMX-200
BUSS cURus
AMX-200 125 Vdc
AMX-250
BUSS cURus
AMX-250 125 Vdc
AMX-300
BUSS cURus
AMX-300 125 Vdc
AMX-350
BUSS cURus
AMX-350 125 Vdc
AMXL-80
BUSS cURus
AMXL-80 125 Vdc
AMXL-100
BUSS cURus
AMXL-100 125 Vdc
AMXL-150
BUSS cURus
AMXL-150 125 Vdc
AMXL-200
BUSS cURus
AMXL-200 125 Vdc
AMXL-250
BUSS cURus
AMXL-250 125 Vdc
AMXL-300
BUSS cURus
AMXL-300 125 Vdc
AMXL-350
BUSS cURus
AMXL-350 125 Vdc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com