Electronic Components Datasheet Search
  English  ▼

X  

ICS1894-43 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS1894-43
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1894-43 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS1894-43 Datasheet HTML 10Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 11Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 12Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 13Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 14Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 15Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 16Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 17Page - Renesas Technology Corp ICS1894-43 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ICS1894-43
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
14
ICS1894-43
REV A 030112
Register Map
Register Description
Register Address
Register Name
Basic / Extended
0
Control
Basic
1Status
Basic
2,3
PHY Identifier
Extended
4
Auto-Negotiation Advertisement
Extended
5
Auto-Negotiation Link Partner Ability
Extended
6
Auto-Negotiation Expansion
Extended
7
Auto-Negotiation Next Page Transmit
Extended
8
Auto-Negotiation Next Page Link Partner Ability
Extended
9 through 15
Reserved by IEEE
Extended
16 through 31
Vendor-Specific (IDT) Registers
Extended
Bit
Definition
When Bit = 0
When Bit = 1
Access 2
SF2
Default3
Hex
Register 0 - Control
0.15
Reset
No effect
Reset mode
RW
SC
0
3
0.14
Loopback enable
Disable Loopback mode
Enable Loopback mode
RW
–
0
0.13
Speed select1
10 Mbps operation
100 Mbps operation
RW
–
1
0.12
Auto-Negotiation enable
Disable Auto-Negotiation
Enable Auto-Negotiation
RW
–
1
0.11
Low-power mode
Normal power mode
Low-power mode
RW
–
0
1
0.10
Isolate
No effect
Isolate from RMII interface
RW
–
0
0.9
Auto-Negotiation restart
No effect
Restart Auto-Negotiation
RW
SC
0
0.8
Duplex mode
Half-duplex operation
Full-duplex operation
RW
–
1
0.7
Collision test
No effect
Enable collision test
RW
–
0
0
0.6
IEEE reserved
Always 0
N/A
RO
–
0†
0.5
IEEE reserved
Always 0
N/A
RO
–
0†
0.4
IEEE reserved
Always 0
N/A
RO
–
0†
0.3
IEEE reserved
Always 0
N/A
RO
–
0†
0
0.2
IEEE reserved
Always 0
N/A
RO
–
0†
0.1
IEEE reserved
Always 0
N/A
RO
–
0†
0.0
IEEE reserved
Always 0
N/A
RO
–
0†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com