Electronic Components Datasheet Search
  English  ▼

X  

ICS8516I Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS8516I
Description  Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8516I Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS8516I Datasheet HTML 7Page - Renesas Technology Corp ICS8516I Datasheet HTML 8Page - Renesas Technology Corp ICS8516I Datasheet HTML 9Page - Renesas Technology Corp ICS8516I Datasheet HTML 10Page - Renesas Technology Corp ICS8516I Datasheet HTML 11Page - Renesas Technology Corp ICS8516I Datasheet HTML 12Page - Renesas Technology Corp ICS8516I Datasheet HTML 13Page - Renesas Technology Corp ICS8516I Datasheet HTML 14Page - Renesas Technology Corp ICS8516I Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS8516I REVISION B SEPTEMBER 10, 2009
11
©2009 Integrated Device Technology, Inc.
ICS8516I Data Sheet
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
FIGURE 3. ICS8516I LVDS BUFFER SCHEMATIC EXAMPLE
C5
0.1u
(U1-12)
Zo = 50 Ohm
Zo = 50 Ohm
(U1-25)
LVDS_input
+
-
(U1-31)
Zo = 50 Ohm
C3
0.1u
C6
0.1u
U1
8516
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
nQ1
Q1
nQ0
Q0
GND
nCLK
CLK
GND
Q15
nQ15
Q14
nQ14
Q6
nQ6
Q7
nQ7
GND
OE1
OE2
GND
nQ8
Q8
nQ9
Q9
Zo = 50 Ohm
R16
100
Zo = 50 Ohm
VDD=3.3V
LVDS_input
+
-
Zo = 50 Ohm
Zo = 50 Ohm
Zo = 50 Ohm
VDD=3.3V
R10
100
C4
0.1u
C2
0.1u
LVDS_Driver
R17
100
LVDS_input
+
-
(U1-1)
Decoupling capacitors located near the power pins
(U1-6)
(U1-36)
R1
100
C1
0.1u
SCHEMATIC EXAMPLE
Figure 3 shows a schematic example of ICS8516I. In this example,
the input is driven by an LVDS driver. For LVDS buffer, it is
recommended to terminate the unused outputs for better signal
integrity. The decoupling capacitors should be physically located
near the power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com