Electronic Components Datasheet Search
  English  ▼

X  

ICS853S031I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS853S031I
Description  Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S031I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS853S031I Datasheet HTML 10Page - Renesas Technology Corp ICS853S031I Datasheet HTML 11Page - Renesas Technology Corp ICS853S031I Datasheet HTML 12Page - Renesas Technology Corp ICS853S031I Datasheet HTML 13Page - Renesas Technology Corp ICS853S031I Datasheet HTML 14Page - Renesas Technology Corp ICS853S031I Datasheet HTML 15Page - Renesas Technology Corp ICS853S031I Datasheet HTML 16Page - Renesas Technology Corp ICS853S031I Datasheet HTML 17Page - Renesas Technology Corp ICS853S031I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ICS853S031I Data Sheet
LOW SKEW, 1-TO-9, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S031BYI REVISION A AUGUST 17, 2011
14
©2011 Integrated Device Technology, Inc.
Schematic Example
Figure 7 shows an example of ICS853S031I application schematic.
In this example, the device is operated at V
CC = 3.3V. The decoupling
capacitor should be located as close as possible to the power pin.
The input is driven by a 3.3V LVPECL driver. Only two terminations
examples are shown in this schematic. For more termination
approaches, please refer to the LVPECL Termination Application
Note.
Figure 7. ICS853S031I Example LVPECL Clock Output Buffer Schematic
R5
50
R2
82.5
nQ8
+
-
Zo = 50 Ohm
Zo = 50 Ohm
Q8
R8
50
(U1-32)
Zo = 50 Ohm
3.3V
VCCO
C1
0.1uF
C6
0.1uF
(U1-17)
Zo = 50 Ohm
R10
50
VCC = 3.3V
CLK_SEL
Optional
Y-Termination
R9
50
+
-
Zo = 50 Ohm
C3
0.1uF
LVPECL
(U1-9)
R3
133
C4
0.1uF
C2
0.1uF
C5
0.1uF
R1
133
R7
50
R11
50
VCCO = 3.3V
R4
82.5
(U1-25)
nQ0
VCCO = 3.3V
VCC = 3.3V
(U1-24)
Q0
(U1-16)
C7
0.1uF
Zo = 50 Ohm
U1
ICS853031
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VCC
CLK
nCLK
CLK_SEL
PCLK
nPCLK
VEE
CLK_EN
VCCO
nQ5
Q5
nQ4
Q4
nQ3
Q3
VCCO
R6
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com