Electronic Components Datasheet Search
  English  ▼

X  

ICS932S208 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS932S208
Description  Programmable Timing Control HubTM for Next Gen P4TM Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S208 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS932S208 Datasheet HTML 1Page - Renesas Technology Corp ICS932S208 Datasheet HTML 2Page - Renesas Technology Corp ICS932S208 Datasheet HTML 3Page - Renesas Technology Corp ICS932S208 Datasheet HTML 4Page - Renesas Technology Corp ICS932S208 Datasheet HTML 5Page - Renesas Technology Corp ICS932S208 Datasheet HTML 6Page - Renesas Technology Corp ICS932S208 Datasheet HTML 7Page - Renesas Technology Corp ICS932S208 Datasheet HTML 8Page - Renesas Technology Corp ICS932S208 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IDT® Programmable Timing Control HubTM for Next Gen P4TM Processor
0743H—03/15/13
ICS932S208
Programmable Timing Control HubTM for Next Gen P4TM Processor
3
Pin Description (continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
29
3V66_4/VCH
OUT
66.66MHz clock output for AGP support. AGP-PCI should be aligned
with a skew window tolerance of 500ps.
VCH is 48MHz clock output for video controller hub.
30
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
31
48MHz_USB
OUT
48MHz clock output.
32
48MHz_DOT
OUT
48MHz clock output.
33
GND
PWR
Ground pin.
34
VDD48
PWR
Power pin for the 48MHz output.3.3V
35
Vtt_PWRGD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine
when latch inputs are valid and are ready to be sampled. This is an
active low input.
36
VDD
PWR
Power supply for SRC clocks, nominal 3.3V
37
SRCCLKC
OUT
Complement clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
38
SRCCLKT
OUT
True clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
39
GND
PWR
Ground pin.
40
CPUCLKC0
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
41
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
42
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
43
CPUCLKC1
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
44
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
45
GND
PWR
Ground pin.
46
CPUCLKC2
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
47
CPUCLKT2
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
48
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
49
CPUCLKC3
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
50
CPUCLKT3
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
51
FS_A
IN
Frequency select pin, see Frequency table for functionality
52
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the appropriate current. 475 ohms is the
standard value.
53
GND
PWR
Ground pin.
54
GNDA
PWR
Ground pin for core.
55
VDDA
PWR
3.3V power for the PLL core.
56
FS_B
IN
Frequency select pin, see Frequency table for functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com