Electronic Components Datasheet Search
  English  ▼

X  

ICS932S805C Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS932S805C
Description  K8 Clock Chip for Serverworks HT2100 Servers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S805C Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS932S805C Datasheet HTML 12Page - Renesas Technology Corp ICS932S805C Datasheet HTML 13Page - Renesas Technology Corp ICS932S805C Datasheet HTML 14Page - Renesas Technology Corp ICS932S805C Datasheet HTML 15Page - Renesas Technology Corp ICS932S805C Datasheet HTML 16Page - Renesas Technology Corp ICS932S805C Datasheet HTML 17Page - Renesas Technology Corp ICS932S805C Datasheet HTML 18Page - Renesas Technology Corp ICS932S805C Datasheet HTML 19Page - Renesas Technology Corp ICS932S805C Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ICS932S805C
K8 Clock Chip for Serverworks HT2100 Servers
16
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
Electrical Characteristics - REF-14.318MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 5 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppmsee Tperiod min-max values
-300
300
ppm1
Clock period
Tperiod
14.318MHz output nominal
69.8270
69.8550
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
V OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL
@MAX = 0.4 V
29
27
mA
1
Edge Rate
δV/δt
Rising edge rate
1
2
V/ns
1
Edge Rate
δV/δt
Falling edge rate
1
2
V/ns
1
Skew
tsk1
VT = 1.5 V
500
ps
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
1000
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com